Electronic Components Datasheet Search
  English  ▼

X  

AD810 Datasheet(PDF) 1 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 1 Page - Analog Devices

  AD810 Datasheet HTML 1Page - Analog Devices AD810 Datasheet HTML 2Page - Analog Devices AD810 Datasheet HTML 3Page - Analog Devices AD810 Datasheet HTML 4Page - Analog Devices AD810 Datasheet HTML 5Page - Analog Devices AD810 Datasheet HTML 6Page - Analog Devices AD810 Datasheet HTML 7Page - Analog Devices AD810 Datasheet HTML 8Page - Analog Devices AD810 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Low Power Video Op Amp with Disable
Data Sheet
AD810
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High speed
80 MHz typical −3 dB bandwidth (G = +1)
75 MHz typical −3 dB bandwidth (G = +2)
1000 V/µs typical slew rate
50 ns typical settling time to 0.1% (VOUT = 10 V step)
Ideal for video applications
30 MHz typical 0.1 dB bandwidth (G = +2, VS = ±15 V)
0.02% typical differential gain (VS = ±15 V)
0.04° typical differential phase (VS = ±15 V)
Low noise
2.9 nV/√Hz typical input voltage noise
13 pA/√Hz typical inverting input current noise
Low power
8.0 mA maximum supply current (quiescent)
2.1 mA typical supply current (power-down mode)
High performance disable function
Turn off time: 100 ns typical
Break before make guaranteed
Input to output isolation of 64 dB (off state)
Flexible operation
Specified for ±5 V and ±15 V operation
±2.9 V typical output swing into a 150 Ω load (VS = ±5 V)
APPLICATIONS
Professional video cameras
Multimedia systems
NTSC-, PAL-, and SECAM-compatible systems
Video line drivers
ADC or DAC buffers
DC restoration circuits
CONNECTION DIAGRAM
OFFSET NULL 1
–IN
2
+IN
3
–VS 4
DISABLE
8
+VS
7
OUTPUT
6
OFSET NULL
5
AD810
Figure 1.
GENERAL DESCRIPTION
The AD810 is a composite and HDTV-compatible, current
feedback, video operational amplifier, ideal for use in systems
such as multimedia, digital tape recorders, and video cameras.
The 0.1 dB flatness specification at a bandwidth of 30 MHz
(G = +2) and the differential gain and phase of 0.02% and 0.04°
(NTSC) make the AD810 ideal for any broadcast quality video
system. All these specifications are under load conditions of
150 Ω (one 75 Ω back terminated cable).
The AD810 is ideal for power sensitive applications such as
video cameras, offering a low power supply current of 8.0 mA
maximum. The disable feature reduces the power supply
current to only 2.1 mA, while the amplifier is not in use, to
conserve power. Furthermore, the AD810 is specified over a
power supply range of ±5 V to ±15 V.
The AD810 works well as an ADC or DAC buffer in video
systems due to its unity gain (G = +1) −3 dB bandwidth of
80 MHz. Because the AD810 is a transimpedance amplifier, this
bandwidth can be maintained over a wide range of gains while
featuring a low noise of 2.9 nV/√Hz for wide dynamic range
applications.


Similar Part No. - AD810

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD810 AD-AD810 Datasheet
514Kb / 16P
Low Power Video Op Amp with Disable
REV.A
AD810 AD-AD810 Datasheet
339Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810 Datasheet
527Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810 Datasheet
549Kb / 17P
Low Power Video Op Amp with Disable
23-Feb-2017
AD8104 AD-AD8104 Datasheet
879Kb / 36P
600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
REV. A
More results

Similar Description - AD810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
Fast Settling, Video Op Amp with Disable
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810 Datasheet
514Kb / 16P
Low Power Video Op Amp with Disable
REV.A
ADA4853-1 AD-ADA4853-1 Datasheet
536Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
10/06-Rev. A to Rev. B
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_15 Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810_17 Datasheet
549Kb / 17P
Low Power Video Op Amp with Disable
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com