Electronic Components Datasheet Search
  English  ▼

X  

AD810 Datasheet(PDF) 17 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD810 Datasheet HTML 13Page - Analog Devices AD810 Datasheet HTML 14Page - Analog Devices AD810 Datasheet HTML 15Page - Analog Devices AD810 Datasheet HTML 16Page - Analog Devices AD810 Datasheet HTML 17Page - Analog Devices AD810 Datasheet HTML 18Page - Analog Devices AD810 Datasheet HTML 19Page - Analog Devices AD810 Datasheet HTML 20Page - Analog Devices AD810 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
AD810
Rev. B | Page 17 of 22
APPLICATIONS INFORMATION
CAPACITIVE LOADS
When used with the appropriate feedback resistor, the AD810
can drive capacitive loads exceeding 1000 pF directly without
oscillation. By using the curves in Figure 50 to choose the
resistor value, less than 1 dB of peaking can easily be achieved
without sacrificing much bandwidth. Note that the curves in
Figure 50 were generated for the case of a 10 kΩ load resistor.
For smaller load resistances, the peaking is less than indicated
by Figure 50.
Another method of compensating for large load capacitances is
to insert a resistor in series (RS) with the loop output, as shown
in Figure 48. In most cases, less than 50 Ω is all that is needed to
achieve an extremely flat gain response.
Figure 49 to Figure 51 illustrate the outstanding performance
that can be achieved when driving a 1000 pF capacitor.
RG
RS (OPTIONAL)
RF
AD810
2
3
6
7
4
–VS
+VS
0.1µF
1µF
0.1µF
1µF
VIN
VOUT
RL
CL
Figure 48. Circuit Options for Driving a Large Capacitive Load
15
–15
–12
–9
–6
–3
0
3
6
9
12
1
100
10
FREQUENCY (MHz)
GAIN = +2
VS = ±15V
RL = 10kΩ
CL = 1000pF
RF = 4.5kΩ
RS = 0Ω
RF = 750Ω
RS = 11Ω
Figure 49. Performance Comparison of Two Methods for Driving a Large
Capacitive Load
10k
1k
100
10
1
0
5k
4k
3k
1k
2k
FEEDBACK RESISTOR (Ω)
GAIN = +2
RL = 10kΩ
VS = ±5V
VS = ±15V
Figure 50. Maximum Load Capacitance vs. Feedback Resistor,
Peaking < 1 dB
100
90
10
0%
5V
5V
100ns
VIN
VOUT
Figure 51. AD810 Driving a 1000 pF Load, Gain = +2, RF = 750 Ω, RS = 11 Ω,
RL = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com