Electronic Components Datasheet Search
  English  ▼

X  

AD810 Datasheet(PDF) 11 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD810 Datasheet HTML 7Page - Analog Devices AD810 Datasheet HTML 8Page - Analog Devices AD810 Datasheet HTML 9Page - Analog Devices AD810 Datasheet HTML 10Page - Analog Devices AD810 Datasheet HTML 11Page - Analog Devices AD810 Datasheet HTML 12Page - Analog Devices AD810 Datasheet HTML 13Page - Analog Devices AD810 Datasheet HTML 14Page - Analog Devices AD810 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
AD810
Rev. B | Page 11 of 22
20
40
60
80
100
110
10
30
50
70
90
0
4
8
12
16
20
2
6
10
14
18
SUPPLY VOLTAGE (±V)
GAIN = +10
RL = 150Ω
VOUT = 250mV p-p
RF = 232Ω
RF = 442Ω
RF = 1kΩ
PEAKING ≤ 0.5dB
PEAKING ≤ 0.1dB
Figure 30. −3 dB Bandwidth vs. Supply Voltage, Gain = +10, RL = 150 Ω
100
90
10
0%
1V
10V
50ns
VIN
VOUT
Figure 31. Large Signal Pulse Response, Gain = +10, RF = 442 Ω, RL = 400 Ω,
VS = ±15 V
16
18
20
15
17
19
21
1M
10M
1G
100M
0
–45
–90
–135
–180
–225
–270
FREQUENCY (Hz)
GAIN = +10
RF = 270Ω
RL = 1kΩ
VS = ±15V
VS = ±5V
VS = ±2.5V
VS = ±15V
VS = ±5V
VS = ±2.5V
PHASE
GAIN
Figure 32. Closed-Loop Gain and Phase Shift vs. Frequency,
G = +10, RL = 1 kΩ
20
40
60
80
100
110
10
30
50
70
90
0
4
8
12
16
20
2
6
10
14
18
SUPPLY VOLTAGE (±V)
GAIN = +10
RL = 1kΩ
VOUT = 250mV p-p
RF = 232Ω
RF = 442Ω
RF = 1kΩ
PEAKING ≤ 0.5dB
PEAKING ≤ 0.1dB
Figure 33. −3 dB Bandwidth vs. Supply Voltage, Gain = +10, RL = 1 kΩ
–4
–2
0
–5
–3
–1
1
1M
10M
1G
100M
180
135
90
45
0
–45
–90
FREQUENCY (Hz)
GAIN = –1
RF = 681Ω
RL = 150Ω
VS = ±15V
VS = ±5V
VS = ±2.5V
VS = ±15V
VS = ±5V
VS = ±2.5V
PHASE
GAIN
Figure 34. Closed-Loop Gain and Phase Shift vs. Frequency G = −1,
RL = 150 Ω, RF = 681 Ω for ±15 V, 620 Ω for ±5 V and ±2.5 V
20
40
60
80
100
110
10
30
50
70
90
0
4
8
12
16
20
2
6
10
14
18
SUPPLY VOLTAGE (±V)
GAIN = –1
RL = 150Ω
VOUT = 250mV p-p
RF = 500Ω
RF = 681Ω
RF = 1kΩ
PEAKING ≤ 1.0dB
PEAKING ≤ 0.1dB
Figure 35. −3 dB Bandwidth vs. Supply Voltage, Gain = –1, RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com