Electronic Components Datasheet Search
  English  ▼

X  

AD810 Datasheet(PDF) 16 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD810 Datasheet HTML 12Page - Analog Devices AD810 Datasheet HTML 13Page - Analog Devices AD810 Datasheet HTML 14Page - Analog Devices AD810 Datasheet HTML 15Page - Analog Devices AD810 Datasheet HTML 16Page - Analog Devices AD810 Datasheet HTML 17Page - Analog Devices AD810 Datasheet HTML 18Page - Analog Devices AD810 Datasheet HTML 19Page - Analog Devices AD810 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
AD810
Data Sheet
Rev. B | Page 16 of 22
OFFSET NULLING
A 10 kΩ potentiometer connected between Pin 1 and Pin 5,
with its wiper connected to +VS can be used to trim out the
inverting input current (with about ±20 µA of range). For
closed-loop gains above about 5, this configuration may not be
sufficient to trim the output offset voltage to zero. Tie the
potentiometer wiper to ground through a large value resistor
(50 kΩ for ±5 V supplies, 150 kΩ for ±15 V supplies) to trim
the output to zero at high closed-loop gains.
10kΩ
SEE TEXT
AD810
2
3
6
7
1
4
5
–VS
+VS
0.1µF
0.1µF
Figure 47. Offset Null Configuration
DISABLE MODE
By pulling the voltage on Pin 8 to ground (0 V), the AD810 can
be put into a disabled state. In this condition, the supply current
drops to less than 2.8 mA, the output becomes high impedance,
and there is a high level of isolation from input to output. In the
case of a line driver, for example, the output impedance is about
the same as for a 1.5 kΩ resistor (the feedback plus gain resistors)
in parallel with a 13 pF capacitor (due to the output) and the
input to output isolation is greater than 65 dB at 1 MHz.
Leaving the disable pin disconnected (floating) keeps the
AD810 operational in the enabled state.
The input impedance of the disable pin is about 35 kΩ in
parallel with a few pF. When grounded, about 50 µA flows out
of the DISABLE pin for ±5 V supplies. If driven by complementary
output CMOS logic, the disable time (until the output goes high
impedance) is about 100 ns and the enable time (to low impedance
output) is about 170 ns on ±5 V supplies. The enable time can
be extended to about 750 ns by using open-drain logic.
When operated on ±15 V supplies, the AD810 disable pin can
be driven by open-drain logic. In this case, adding a 10 kΩ
pull-up resistor from the DISABLE pin to the positive supply
decreases the enable time to about 150 ns. If there is a nonzero
voltage present on the amplifier output at the time the device is
switched to the disabled state, some additional decay time is
required for the output voltage to decrease to zero. The total
time for the output to go to zero is generally about 250 ns and is
somewhat dependent on the load impedance.
In cases where the amplifier is driving a high impedance load,
the input to output isolation decreases significantly if the input
signal is greater than about 1.2 V p-p. The isolation can be
restored back to the 65 dB level by adding an extra load (for
example, 150 Ω) at the amplifier output. This additional load
attenuates the feedthrough signal. (This decreased isolation is
not an issue for multiplexer applications where the outputs of
multiple AD810 devices are tied together as long as at least one
channel is in the on state.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com