Electronic Components Datasheet Search
  English  ▼

X  

AD810 Datasheet(PDF) 15 Page - Analog Devices

Part # AD810
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD810 Datasheet HTML 11Page - Analog Devices AD810 Datasheet HTML 12Page - Analog Devices AD810 Datasheet HTML 13Page - Analog Devices AD810 Datasheet HTML 14Page - Analog Devices AD810 Datasheet HTML 15Page - Analog Devices AD810 Datasheet HTML 16Page - Analog Devices AD810 Datasheet HTML 17Page - Analog Devices AD810 Datasheet HTML 18Page - Analog Devices AD810 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet
AD810
Rev. B | Page 15 of 22
THEORY OF OPERATION
GENERAL DESIGN CONSIDERATIONS
The AD810 is a current feedback amplifier optimized for use in
high performance video and data acquisition systems. Because
the AD810 uses a current feedback architecture, its closed-loop
bandwidth depends on the value of the feedback resistor. Table 5
and Table 6 list recommended resistor values for some useful
closed-loop gains and supply voltages. As shown in Table 5 and
Table 6, the closed-loop bandwidth is not a strong function of
gain, as it is for a voltage feedback amplifier. The recommended
resistor values results in maximum bandwidths with less than
0.1 dB of peaking in the gain vs. frequency response.
The −3 dB bandwidth is also somewhat dependent on the
power supply voltage. Lowering the supplies increases the
values of internal capacitances, reducing the bandwidth. To
compensate for this reduction, smaller values of feedback
resistor are sometimes used at lower supply voltages. The
characteristic curves in Figure 23 and Figure 24 illustrate that
bandwidths of over 100 MHz on 30 V total supplies and over
50 MHz on 5 V total supplies can be achieved.
Table 5. −3 dB Bandwidth vs. Closed-Loop Gain and
Resistance Values (RL = 150 Ω), VS = ±15 V
Closed-Loop Gain
RF
RG
−3 dB Bandwidth (MHz)
+1
1 kΩ
Open
80
+2
715 Ω
715 Ω
75
+10
270 Ω
30 Ω
65
–1
681 Ω
681 Ω
70
–10
249 Ω
24.9 Ω
65
Table 6. −3 dB Bandwidth vs. Closed-Loop Gain and
Resistance Values (RL = 150 Ω), VS = ±5 V
Closed-Loop Gain
RF
RG
−3 dB Bandwidth (MHz)
+1
910 Ω
Open
50
+2
715 Ω
715 Ω
50
+10
270 Ω
30 Ω
50
–1
620 Ω
620 Ω
55
–10
249 Ω
24.9 Ω
50
ACHIEVING VERY FLAT GAIN RESPONSE AT HIGH
FREQUENCY
Achieving and maintaining gain flatness of less than 0.1 dB
above 10 MHz is not difficult if the recommended resistor
values are used. Additionally, consider feedback resistor
selection, PCB layout, coaxial cable quality, power supply
bypassing and operating range, and offset nulling to ensure
consistently optimal results.
CHOICE OF FEEDBACK RESISTOR
Because the 3 dB bandwidth depends on the feedback resistor,
the fine scale flatness varies to some extent with feedback
resistor tolerance. It is recommended that resistors with a 1%
tolerance be used to maintain exceptional flatness through high
volume production.
PRINTED CIRCUIT BOARD LAYOUT
As with all wideband amplifiers, PCB parasitics can affect the
overall closed-loop performance. Most important are stray
capacitances at the output and inverting input nodes. (An
added capacitance of 2 pF between the inverting input and
ground adds about 0.2 dB of peaking in the gain of 2 response,
and increase the bandwidth to 105 MHz). Leave space (3/16 inches
is sufficient) around the signal lines to minimize coupling. Also,
keep signal lines connecting the feedback and gain resistors
short enough so that their associated inductance does not cause
high frequency gain errors. Line lengths less than ¼ inches are
recommended.
QUALITY OF COAXIAL CABLE
Optimum flatness when driving a coaxial cable is possible only
when the driven cable is terminated at each end with a resistor
matching its characteristic impedance. With an ideal coaxial
cable, the resulting flatness is not affected by the length of the
cable. Although outstanding results can be achieved using
inexpensive cables, some variation in flatness due to varying
cable lengths is to be expected.
POWER SUPPLY BYPASSING
Adequate power supply bypassing can be critical when
optimizing the performance of a high frequency circuit.
Inductance in the power supply leads can contribute to resonant
circuits that produce peaking in the amplifier response.
Although the recommended 0.1 µF power supply bypass
capacitors are sufficient in most applications, more elaborate
bypassing (such as using two paralleled capacitors) may be
required in some cases. In addition, if large current transients
must be delivered to the load, bypass capacitors (typically
greater than 1 µF) are required to optimize settling time and
lowest distortion.
POWER SUPPLY OPERATING RANGE
The AD810 operates with supplies from ±18 V down to about
±2.5 V. On ±2.5 V supplies, the low distortion output voltage
swing is greater than 1 V p-p. Single-supply operation can be
achieved by biasing the input common-mode voltage at the
supply midpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com