Electronic Components Datasheet Search
  English  ▼

X  

TDA9964 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9964
Description  12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9964 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9964 Datasheet HTML 3Page - NXP Semiconductors TDA9964 Datasheet HTML 4Page - NXP Semiconductors TDA9964 Datasheet HTML 5Page - NXP Semiconductors TDA9964 Datasheet HTML 6Page - NXP Semiconductors TDA9964 Datasheet HTML 7Page - NXP Semiconductors TDA9964 Datasheet HTML 8Page - NXP Semiconductors TDA9964 Datasheet HTML 9Page - NXP Semiconductors TDA9964 Datasheet HTML 10Page - NXP Semiconductors TDA9964 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2000 May 02
7
Philips Semiconductors
Objective specification
12-bit, 3.0 V, 30 Msps analog-to-digital
interface for CCD cameras
TDA9964
Digital inputs
PINS: SHP, SHD AND CLK (REFERENCED TO DGND)
VIL
LOW-level input voltage
0
−
0.6
V
VIH
HIGH-level input voltage
2.2
−
5.5
V
Ii
input current
0
≤ Vi ≤ 5.5 V
−3
−
+3
µA
Zi
input impedance
fCLK =30MHz
−
50
−
k
Ω
Ci
input capacitance
fCLK =30MHz
−−
2pF
PINS: CLPDM, CLPOB, SEN, SCLK, SDATA, STBY, OE, BLK, VSYNC
VIL
LOW-level input voltage
0
−
0.6
V
VIH
HIGH-level input voltage
2.2
−
5.5
V
Ii
input current
0
≤ Vi ≤ 5.5 V
−2
−
+2
µA
Clamps
GLOBAL CHARACTERISTICS OF THE CLAMP LOOPS
tW(clamp)
clamp active pulse width in
number of pixels
PGA code = 255 for
maximum 4 LSB error
12
−−
pixels
INPUT CLAMP (DRIVEN BY CLPDM)
gm(CDS)
CDS input clamp
transconductance
−
20
−
mS
Correlated Double Sampling (CDS)
Vi(CDS)(p-p)
maximum peak-to-peak CDS
input amplitude (video signal)
VCC = 2.85 V
650
−−
mV
VCC ≥ 3.0 V
800
−−
mV
Vreset(max)
maximum CDS input reset
pulse amplitude
500
−−
mV
Ii(IN)
input current into pin IN
at floating gate level
tbf
−
tbf
µA
Ci
input capacitance
−
2
−
pF
tCDS(min)
CDS control pulses minimum
active time
Vi(CDS)(p-p) = 800 mV
black to white transition in
1 pixel with 99% Vi recovery
−
8
−
ns
th(IN;SHP)
CDS input hold time (pin IN)
compared to control pulse
SHP
VCCA =VCCD = 3.0 V;
Tamb =25 °C;
see Figs 3 and 4
−
12
ns
th(IN;SHD)
CDS input hold time (pin IN)
compared to control pulse
SHD
VCCA =VCCD = 3.0 V;
Tamb =25 °C;
see Figs 3 and 4
−
12
ns
Amplifier
DRPGA
PGA dynamic range
−
24
−
dB
∆GPGA
PGA gain step
0.08
0.10
0.12
dB
Analog-to-Digital Converter (ADC)
DNL
differential non linearity
fpix = 30 MHz; ramp input
−±0.5
±0.9
LSB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com