Electronic Components Datasheet Search
  English  ▼

X  

TDA9964 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9964
Description  12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9964 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9964 Datasheet HTML 1Page - NXP Semiconductors TDA9964 Datasheet HTML 2Page - NXP Semiconductors TDA9964 Datasheet HTML 3Page - NXP Semiconductors TDA9964 Datasheet HTML 4Page - NXP Semiconductors TDA9964 Datasheet HTML 5Page - NXP Semiconductors TDA9964 Datasheet HTML 6Page - NXP Semiconductors TDA9964 Datasheet HTML 7Page - NXP Semiconductors TDA9964 Datasheet HTML 8Page - NXP Semiconductors TDA9964 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2000 May 02
2
Philips Semiconductors
Objective specification
12-bit, 3.0 V, 30 Msps analog-to-digital
interface for CCD cameras
TDA9964
FEATURES
• Correlated Double Sampling (CDS), Programmable
Gain Amplifier (PGA), 12-bit Analog-to-Digital
Converter (ADC) and reference regulator included
• Fully programmable via a 3-wire serial interface
• Sampling frequency up to 30 MHz
• PGA gain range of 24 dB (in steps of 0.1 dB)
• Low power consumption of only 205 mW at 2.7 V
• Power consumption in standby mode of 4.5 mW (typ.)
• 3.0 V operation and 2.5 to 3.6 V operation for the digital
outputs
• All digital inputs accept 5 V signals
• Active control pulses polarity selectable via serial
interface
• 8-bit DAC included for analog settings
• TTL compatible inputs, CMOS compatible outputs.
APPLICATIONS
• Low-power, low-voltage CCD camera systems.
GENERAL DESCRIPTION
The TDA9964 is a 12-bit analog-to-digital interface for
CCD cameras. The device includes a correlated double
sampling circuit, PGA, clamp loops and a low-power 12-bit
ADC together with its reference voltage regulator.
The PGA gain and the ADC input clamp level are
controlled via the serial interface.
An additional DAC is provided for additional system
controls; its output voltage range is 1.0 V p-p, which is
available at pin OFDOUT.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX. UNIT
VCCA
analog supply voltage
2.7
3.0
3.6
V
VCCD
digital supply voltage
2.7
3.0
3.6
V
VCCO
digital outputs supply voltage
2.5
2.7
3.6
V
ICCA
analog supply current
all clamps active
−
71
−
mA
ICCD
digital supply current
−
4
−
mA
ICCO
digital outputs supply current
fpix = 30 MHz; CL = 10 pF; input
ramp response time is 800
µs
−
1
−
mA
ADCres
ADC resolution
−
12
−
bits
Vi(CDS)(p-p) maximum CDS input voltage (peak-to-peak
value)
VCC = 2.85 V
650
−−
mV
VCC ≥ 3.0 V
800
−−
mV
fpix(max)
maximum pixel frequency
30
−−
MHz
fpix(min)
minimum pixel frequency
tbf
−−
MHz
DRPGA
PGA dynamic range
−
24
−
dB
Ntot(rms)
total noise from CDS input to ADC output
PGA gain = 0 dB; see Fig.8
−
1.5
−
LSB
Ein(rms)
equivalent input noise (RMS value)
gain = 24 dB
−
70
−µV
Ptot
total power consumption
VCCA =VCCD =VCCO =3V
−
230
−
mW
VCCA =VCCD =VCCO = 2.7 V
−
205
−
mW
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9964HL
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com