Electronic Components Datasheet Search
  English  ▼

X  

TDA9964 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9964
Description  12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9964 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9964 Datasheet HTML 1Page - NXP Semiconductors TDA9964 Datasheet HTML 2Page - NXP Semiconductors TDA9964 Datasheet HTML 3Page - NXP Semiconductors TDA9964 Datasheet HTML 4Page - NXP Semiconductors TDA9964 Datasheet HTML 5Page - NXP Semiconductors TDA9964 Datasheet HTML 6Page - NXP Semiconductors TDA9964 Datasheet HTML 7Page - NXP Semiconductors TDA9964 Datasheet HTML 8Page - NXP Semiconductors TDA9964 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2000 May 02
4
Philips Semiconductors
Objective specification
12-bit, 3.0 V, 30 Msps analog-to-digital
interface for CCD cameras
TDA9964
PINNING
SYMBOL
PIN
DESCRIPTION
VCCA1
1
analog supply voltage 1
AGND1
2
analog ground 1
AGND2
3
analog ground 2
IN
4
input signal from CCD
AGND3
5
analog ground 3
AGND4
6
analog ground 4
VCCA2
7
analog supply voltage 2
CPCDS1
8
clamp storage capacitor pin 1
CPCDS2
9
clamp storage capacitor pin 2
DCLPC
10
regulator decoupling pin
OFDOUT
11
analog output of the additional 8-bit control DAC
TEST
12
test mode input pin (should be connected to AGND5)
AGND5
13
analog ground 5
VCCA3
14
analog supply 3
OPGA
15
PGA output (test pin)
OPGAC
16
PGA complementary output (test pin)
SDATA
17
serial data input for serial interface control
SCLK
18
serial clock input for serial interface
SEN
19
strobe pin for serial interface
VSYNC
20
vertical sync pulse input
VCCD1
21
digital supply voltage 1
DGND1
22
digital ground 1
VCCO1
23
output supply voltage 1
OGND1
24
digital output ground 1
D0
25
ADC digital output 0 (LSB)
D1
26
ADC digital output 1
D2
27
ADC digital output 2
D3
28
ADC digital output 3
D4
29
ADC digital output 4
D5
30
ADC digital output 5
D6
31
ADC digital output 6
D7
32
ADC digital output 7
D8
33
ADC digital output 8
D9
34
ADC digital output 9
D10
35
ADC digital output 10
D11
36
ADC digital output 11 (MSB)
OGND2
37
output digital ground 2
VCCO2
38
output supply voltage 2
OE
39
output enable control input (LOW: outputs active; HIGH: outputs are high impedance)
AGND6
40
analog ground 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com