Electronic Components Datasheet Search
  English  ▼

X  

TDA9964 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA9964
Description  12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9964 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA9964 Datasheet HTML 1Page - NXP Semiconductors TDA9964 Datasheet HTML 2Page - NXP Semiconductors TDA9964 Datasheet HTML 3Page - NXP Semiconductors TDA9964 Datasheet HTML 4Page - NXP Semiconductors TDA9964 Datasheet HTML 5Page - NXP Semiconductors TDA9964 Datasheet HTML 6Page - NXP Semiconductors TDA9964 Datasheet HTML 7Page - NXP Semiconductors TDA9964 Datasheet HTML 8Page - NXP Semiconductors TDA9964 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATA SHEET
Objective specification
File under Integrated Circuits, IC02
2000 May 02
INTEGRATED CIRCUITS
TDA9964
12-bit, 3.0 V, 30 Msps
analog-to-digital interface for CCD
cameras


Similar Part No. - TDA9964

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA9962HL PHILIPS-TDA9962HL Datasheet
109Kb / 24P
12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965AHL PHILIPS-TDA9965AHL Datasheet
136Kb / 22P
12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results

Similar Description - TDA9964

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com