Electronic Components Datasheet Search
  English  ▼

X  

TDA9964 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9964
Description  12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9964 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9964 Datasheet HTML 1Page - NXP Semiconductors TDA9964 Datasheet HTML 2Page - NXP Semiconductors TDA9964 Datasheet HTML 3Page - NXP Semiconductors TDA9964 Datasheet HTML 4Page - NXP Semiconductors TDA9964 Datasheet HTML 5Page - NXP Semiconductors TDA9964 Datasheet HTML 6Page - NXP Semiconductors TDA9964 Datasheet HTML 7Page - NXP Semiconductors TDA9964 Datasheet HTML 8Page - NXP Semiconductors TDA9964 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
FCE515
12-bit ADC
REGULATOR
CDS CLOCK GENERATOR
BLANKING
OUTPUT
BUFFER
37
38
27
26
25
28
29
30
31
32
33
34
35
36
39
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
OGND2
D1
D0
23
24
VCCO1
10
DCLPC
21
VCCD1
VCCO2
22
DGND1
3
AGND2
7
VCCA2
9
CPCDS2
8
CPCDS1
4
IN
5
AGND3
11
OFDOUT
14
VCCA3
OE
43
BLK
47
CLK
40
AGND6
2
AGND1
1
VCCA1
41
VCCA4
48
CLPDM
44
CLPOB
45
SHP
SHIFT
CORRELATED
DOUBLE
SAMPLING
7-BIT
REGISTER
8-BIT
REGISTER
8-BIT
REGISTER
16
15
OPGA
OPGAC
12
6
13
TEST
AGND4
AGND5
46
SHD
SERIAL
INTERFACE
17
18
19
SEN
SCLK SDATA
20
VSYNC
42
STDBY
PGA
CLAMP
Vref
OFD DAC
DATA
FLIP-
FLOP
CLAMP
TDA9964
OGND1
BLACK
LEVEL
SHIFT
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com