Electronic Components Datasheet Search
  English  ▼

X  

LP2951J Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2951J
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2951J Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2951J Datasheet HTML 1Page - National Semiconductor (TI) LP2951J Datasheet HTML 2Page - National Semiconductor (TI) LP2951J Datasheet HTML 3Page - National Semiconductor (TI) LP2951J Datasheet HTML 4Page - National Semiconductor (TI) LP2951J Datasheet HTML 5Page - National Semiconductor (TI) LP2951J Datasheet HTML 6Page - National Semiconductor (TI) LP2951J Datasheet HTML 7Page - National Semiconductor (TI) LP2951J Datasheet HTML 8Page - National Semiconductor (TI) LP2951J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MICROCIRCUIT DATA SHEET
MJLP2951-X REV 1B1
(Absolute Maximum Ratings)
(Note 1)
Power Dissipation
(Note 2)
675mW at +25 C
METAL CAN
1.0W at +25 C
CERDIP
1.25W at +25 C
LCC
1.0W at +25 C
CERAMIC SOIC
Lead Temperature
260 C
(Soldering, 10 seconds)
Storage Temperature Range
-65 C to +150 C
Operating Junction Temp Range
-55 C to +160 C
LP2951
Input Supply Voltage
-0.3 to +30V
Feedback Input Voltage
(Note 3, 4)
-1.5 to +30V
Shutdown Input Voltage
(Note 3)
-0.3 to +30V
Error Comparator Out. Voltage
(Note 3)
-0.3 to +30V
Thermal Resistance
ThetaJA
163 C/W
METAL CAN
(Still Air @ 0.5W)
95 C/W
(500LF/Min Air flow @ 0.5W)
131 C/W
CERDIP
(Still Air @ 0.5W)
75 C/W
(500LF/Min Air flow @ 0.5W)
95 C/W
LCC
(Still Air @ 0.5W)
66 C/W
(500LF/Min Air flow @ 0.5W)
215 C/W
CERAMIC SOIC
(Still Air @ 0.5W)
130 C/W
(500LF/Min Air flow @ 0.5W)
ThetaJC
51 C/W
METAL CAN
21 C/W
CERDIP
24 C/W
LCC
24 C/W
CERAMIC SOIC
Package Weight
TBD
(Typical)
ESD Rating
500V
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating Ratings indicate conditions for which the device is functional, but do not
guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
Note 2:
The maximum power dissipation msut be derated at elevated temperatures and is
dictated by Tjmax (maximum junction temperature), ThetaJA (package junction to
ambient thermal resistance), and TA (ambient temperature). The maximum allowable
power dissipation at any temperature is Pdmax = (Tjmax - TA)/ThetaJA or the number
given in the Absolute Maximum Ratings, whichever is lower.
Note 3:
May exceed input supply voltage.
Note 4:
When used in dual-supply systems where the output terminal sees loads returned to a
negative supply, the output voltage should be diode-clamped to ground.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com