Electronic Components Datasheet Search
  English  ▼

X  

LP2951J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2951J
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2951J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2951J Datasheet HTML 1Page - National Semiconductor (TI) LP2951J Datasheet HTML 2Page - National Semiconductor (TI) LP2951J Datasheet HTML 3Page - National Semiconductor (TI) LP2951J Datasheet HTML 4Page - National Semiconductor (TI) LP2951J Datasheet HTML 5Page - National Semiconductor (TI) LP2951J Datasheet HTML 6Page - National Semiconductor (TI) LP2951J Datasheet HTML 7Page - National Semiconductor (TI) LP2951J Datasheet HTML 8Page - National Semiconductor (TI) LP2951J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Original Creation Date: 08/01/95
Last Update Date: 05/19/98
Last Major Revision Date: 01/21/97
MJLP2951-X REV 1B1
MICROCIRCUIT DATA SHEET
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
General Description
The LP2951 is a micropower voltage regulator with very low quiescent curent (75 uA typ.)
and very low dropout voltage (typ. 40 mV at light loads and 380 mV at 100mA).
They are
ideally suited for use in battery-powered systems.
Furthermore, the quiescent current of
the LP2951 increases only slightly in dropout, prolonging battery life.
The 8-Lead LP2951 is available in plastic, ceramic dual-in-line, or metal can packages and
offers additional system functions.
One such feature is an error flag output which warns of a low output voltage, often due to
falling batteries on the input.
It may be used for a power-on reset.
A second feature is
the logic-compatible shutdown input which enables the regulator to be switched on and off.
Also, the part may be pin-strapped for a 5V output or programmed from 1.24V to 29V with an
external pair of resistors.
Careful design of the LP2951 has minimized all contributions to the error budget.
This
includes a tight initial tolerance (.5% typ.), extremely good load and line regulation
(.05% typ.) and a very low output voltage temperature coefficient, making the part useful
as a low-power voltage reference.
NS Part Numbers
JL2951BGA*
JL2951BPA**
JL2951S2A***
JL2951SGA****
JL2951SPA*****
Industry Part Number
LP2951
Prime Die
LP2951
Controlling Document
See Features Page
REV C
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - LP2951J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951J NSC-LP2951J Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
LP2951J/883 NSC-LP2951J/883 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951J/883 TI1-LP2951J/883 Datasheet
657Kb / 30P
Series of Adjustable Micropower Voltage Regulators
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
Adjustable Micropower Voltage Regulators
LP2951JAN TI-LP2951JAN Datasheet
811Kb / 25P
Series of Adjustable Micropower Voltage Regulators
More results

Similar Description - LP2951J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
Adjustable Micropower Voltage Regulators
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com