Electronic Components Datasheet Search
  English  ▼

X  

LP2951J Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2951J
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2951J Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2951J Datasheet HTML 1Page - National Semiconductor (TI) LP2951J Datasheet HTML 2Page - National Semiconductor (TI) LP2951J Datasheet HTML 3Page - National Semiconductor (TI) LP2951J Datasheet HTML 4Page - National Semiconductor (TI) LP2951J Datasheet HTML 5Page - National Semiconductor (TI) LP2951J Datasheet HTML 6Page - National Semiconductor (TI) LP2951J Datasheet HTML 7Page - National Semiconductor (TI) LP2951J Datasheet HTML 8Page - National Semiconductor (TI) LP2951J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MJLP2951-X REV 1B1
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vout = 5V (Nominal), Cload = 3.3uF, Vsd = 0.6V,
Vin = 6V, Il = -100uA
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vo
Output Voltage
Vin = 6V, Il = -100uA
4.975
5.025
V
1
4.94
5.06
V
2, 3
Voline
Line Regulation
6V < Vin < 30V, Il = -1mA
-5
5
mV
1
6V < Vin < 30V, Il = -1mA
-25
25
mV
2, 3
Voload
Load Regulation
-100uA < Il < -100mA, Vin = 6V
-5
5
mV
1
-100uA < Il < -100mA, Vin = 6V
-25
25
mV
2, 3
Vd
Dropout Voltage
Il = -100mA
450
mV
1
600
mV
2, 3
Il = -100uA
80
mV
1
150
mV
2, 3
Ig
Ground Current
Il = -100mA, Vin = 6V
12
mA
1
14
mA
2, 3
Il = -100uA, Vin = 6V
120
uA
1
140
uA
2, 3
Il = -100uA, Vout = 15V, Vin = 30V
120
uA
1
140
uA
2, 3
Il = -100uA, Vin = 30V, Vout = 15V
15
mA
1
20
mA
2, 3
Igdiff
Ground Current
Change
6V < Vin < 30V, Il = -100uA
-30
30
uA
1
6V < Vin < 30V, Il = -100uA
-50
50
uA
2, 3
Igdo
Dropout Ground
Current
Vin = 4.5V, Il = -100uA
170
uA
1
200
uA
2, 3
Vlt
Error Comparator
Lower Threshold
Voltage
Vin = 6V, Il = -100uA
1
0
0.8
mV
1, 2,
3
Vut
Error Comparator
Upper Threshold
Voltage
Vin = 6V, Il = -100uA
1
2
30
mV
1, 2,
3
Vrth
Thermal
Regulation
Vin = 30V, Il = -50mA, 2mS < T < 10mS
-12.5
12.5
mV
1
Isc
Current Limit
Vout = 0V, Vin = 6V
200
mA
1
220
mA
2, 3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com