Electronic Components Datasheet Search
  English  ▼

X  

LP2951J Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2951J
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2951J Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP2951J Datasheet HTML 2Page - National Semiconductor (TI) LP2951J Datasheet HTML 3Page - National Semiconductor (TI) LP2951J Datasheet HTML 4Page - National Semiconductor (TI) LP2951J Datasheet HTML 5Page - National Semiconductor (TI) LP2951J Datasheet HTML 6Page - National Semiconductor (TI) LP2951J Datasheet HTML 7Page - National Semiconductor (TI) LP2951J Datasheet HTML 8Page - National Semiconductor (TI) LP2951J Datasheet HTML 9Page - National Semiconductor (TI) LP2951J Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MJLP2951-X REV 1B1
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS: DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vout = 5V (Nominal), Cload = 3.3uF, Vsd = 0.6V, Vin = 6V, Il = -100uA.
"Delta calculations performed
on JAN S and QMLV devices at group B, subgroup 5 ONLY."
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Ig
Ground Current
Il = -100uA, Vin = 6V
-6.5
6.5
uA
1
Vref
Reference Voltage
-0.005
5
0.0055
V
1
Note 1:
Parameter tested go-no-go only.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com