Electronic Components Datasheet Search
  English  ▼

X  

LP2951J Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2951J
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2951J Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP2951J Datasheet HTML 1Page - National Semiconductor (TI) LP2951J Datasheet HTML 2Page - National Semiconductor (TI) LP2951J Datasheet HTML 3Page - National Semiconductor (TI) LP2951J Datasheet HTML 4Page - National Semiconductor (TI) LP2951J Datasheet HTML 5Page - National Semiconductor (TI) LP2951J Datasheet HTML 6Page - National Semiconductor (TI) LP2951J Datasheet HTML 7Page - National Semiconductor (TI) LP2951J Datasheet HTML 8Page - National Semiconductor (TI) LP2951J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MJLP2951-X REV 1B1
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vout = 5V (Nominal), Cload = 3.3uF, Vsd = 0.6V,
Vin = 6V, Il = -100uA
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Igsc
Ground Current At
Current Limit
Vout = 0V, Vin = 6V
20
mA
1
25
mA
2, 3
Vref
Reference Voltage
1.22
1.25
V
1
1.20
1.26
V
2, 3
Vrline
Reference Voltage
Line Regulation
2.3V < Vin < 30V
-1.9
1.9
mV
1
2.3V < Vin < 30V
-10
10
mV
2, 3
Vrload
Reference Voltage
Output Regulation
1.2V < Vout < 29V, Vin = 30V
-1.2
1.2
mV
1
1.2V < Vout < 29V, Vin = 30V
-5
5
mV
2, 3
Ifb
Feedback Pin Bias
Current
40
nA
1
60
nA
2, 3
Ioh
Error Comparator
Output Leakage
Current
Vo = 30V
1uA
1
2
uA
2, 3
Vol
Error Comparator
Output Low
Voltage
Vin = 4.5V, Vsd = 2V
250
mV
1
400
mV
2, 3
Isd
Shutdown Pin
Input Current
Vsd = 2.4V
50
uA
1
100
uA
2, 3
Vsd = 30V
600
uA
1
750
uA
2, 3
Vsdl
Shutdown Input
Logic Voltage
(LOW)
1
0.6
V
1, 2,
3
Vsdh
Shutdown Input
Logic Voltage
(HIGH)
1
2
V
1, 2,
3
Ilkg
Regular Output
Bias Current In
Shutdown
Vsd = 2V, Vin = 30V, Il = 0mA
-10
10
uA
1
-20
20
uA
2, 3
AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Vin = 6V, Cload = 3.3uF, Vsd = 0.6V
Rr
Ripple Rejection
f = 120Hz, Vin = 0.1Vrms
50
dB
4
Vnoise
Output Noise
C1 = 1uF
600
uVrms 7
C1 = 3.3uF
250
uVrms 7
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com