Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRMPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LTC2066ISC6TRMPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRMPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC2066ISC6TRMPBF Datasheet HTML 9Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 10Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 11Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 12Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 13Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 14Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 15Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 16Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC2066/LTC2067/LTC2068
13
Rev. B
For more information www.analog.com
Positive Output Overload
Recovery
Positive Output Overload Recovery
Negative Output Overload
Recovery
Negative Output Overload
Recovery
TYPICAL PERFORMANCE CHARACTERISTICS
Negative Input Overload Recovery
Positive Input Overload Recovery
Positive Input Overload Recovery
Negative Input Overload Recovery
VS = ±2.5V
AV = –100
200µs/DIV
VIN
50mV/DIV
VOUT
1V/DIV
2066 G60
VS = ±0.9V
AV = –100
400µs/DIV
VIN
50mV/DIV
VOUT
0.5V/DIV
2066 G61
VS = ±2.5V
AV = –100
200µs/DIV
VIN
50mV/DIV
VOUT
1V/DIV
2066 G62
VS = ±0.9V
AV = –100
400µs/DIV
VIN
50mV/DIV
VOUT
0.5V/DIV
2066 G63
VS = ±2.5V
AV = +1
100µs/DIV
VIN
1V/DIV
VOUT
1V/DIV
2066 G64
VS = ±0.9V
AV = +1
40µs/DIV
VIN
0.5V/DIV
VOUT
0.5V/DIV
2066 G65
VS = ±2.5V
AV = +1
100µs/DIV
VIN
1V/DIV
VOUT
1V/DIV
2066 G66
VS = ±0.9V
AV = +1
40µs/DIV
VIN
0.5V/DIV
VOUT
0.5V/DIV
2066 G65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com