Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRMPBF Datasheet(PDF) 22 Page - Analog Devices

Part # LTC2066ISC6TRMPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRMPBF Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC2066ISC6TRMPBF Datasheet HTML 18Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 19Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 20Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 21Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 22Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 23Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 24Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 25Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC2066/LTC2067/LTC2068
22
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
R6
909k
2066 F12
–
+
1/2 LTC2067
R2
909k
R1
100k
R5
100k
1.5V
–1.5V
1.5V
–1.5V
+
–
1/2 LTC2067
OUT
R3
100
R4
100
IN
Parallel LTC2067 Amplifiers to Reduce Noise by √2
Precision, Micropower Carbon Monoxide Detector
R5
35.7k
C4
100nF
2.5V
2.5V
OUT
INPUT RANGE:
0ppm TO 500ppm CO
TYPICAL GAIN:
2.5mV/ppm CO
OUTPUT:
1.7V (TYP)
2.0V (MAX) AT 500ppm CO
4CM CARBON MONOXIDE SENSOR
CITY TECHNOLOGY
70nA/ppm CO TYP
4CM COUNTER ELECTRODE (CE)
SELF-BIASES BELOW WE POTENTIAL
VWE – VCE = –0.3V TO –0.4V TYP
2066 F13
+
–
1/2 LTC2067
C5
10µF
R7
100k
R8
100k
C3
100nF
R6
402k
RBURDEN
5
2.5V
R4
1M
J1
MMBFJ270
R3
35.7k
C2
100nF
2.5V
RE
CE
WE
+
–
1/2 LTC2067
R2
100k
C1
100nF
R1
402k
2.5V
4CM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com