Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRMPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LTC2066ISC6TRMPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRMPBF Datasheet(HTML) 2 Page - Analog Devices

  LTC2066ISC6TRMPBF Datasheet HTML 1Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 2Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 3Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 4Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 5Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 6Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 7Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 8Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC2066/LTC2067/LTC2068
2
Rev. B
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–)................................5.5V
Differential Input Current (+IN to –IN) (Note 2).... ±10mA
Differential Input Voltage (+IN to –IN)......................5.5V
Input Voltage +IN, –IN, SHDN.......(V–) – 0.3V to (V+) + 0.3V
Input Current +IN, –IN, SHDN (Note 2) .................. ±10mA
Output Short-Circuit Duration (Note 3).....Thermally Limited
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2066ISC6#TRMPBF
LTC2066ISC6#TRPBF
LHDB
6-Lead Plastic SC70
–40°C to 85°C
LTC2066HSC6#TRMPBF
LTC2066HSC6#TRPBF
LHDB
6-Lead Plastic SC70
–40°C to 125°C
LTC2066IS5#TRMPBF
LTC2066IS5#TRPBF
LTHCZ
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC2066HS5#TRMPBF
LTC2066HS5#TRPBF
LTHCZ
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC2067IMS8#PBF
LTC2067IMS8#TRPBF
LTHDC
8-Lead Plastic MSOP
–40°C to 85°C
LTC2067HMS8#PBF
LTC2067HMS8#TRPBF
LTHDC
8-Lead Plastic MSOP
–40°C to 125°C
LTC2067IDD#PBF
LTC2067IDD#TRPBF
LHDD
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2067HDD#PBF
LTC2067HDD#TRPBF
LHDD
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC2068IUD#PBF
LTC2068IUD#TRPBF
LHKV
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LTC2068HUD#PBF
LTC2068HUD#TRPBF
LHKV
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC2068IF#PBF
LTC2068IF#TRPBF
LTC2068
14-Lead TSSOP
–40°C to 85°C
LTC2068HF#PBF
LTC2068HF#TRPBF
LTC2068
14-Lead TSSOP
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Parts ending with PBF are RoHS and WEEE compliant.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
Operating and Specified Temperature Range (Note 4)
LTC2066I/LTC2067I/LTC2068I ............–40°C to 85°C
LTC2066H/LTC2067H/LTC2068H ...... –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
LTC2066
LTC2067
LTC2068
+IN 1
V– 2
–IN 3
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
θJA = 265°C/W (Note 5)
+
–
6 V+
5 SHDN
4 OUT
1
2
3
4
OUTA
–INA
+INA
V–
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
θJA = 163°C/W, θJC = 40°C/W (Note 5)
A
B
16 15 14 13
5 6 7 8
TOP VIEW
QFN16 PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
θJA = 68°C/W (NOTE 5)
EXPOSED PAD (PIN 17) MUST BE CONNECTED TO V–(PIN 10)
9
10
11
12
4
3
2
1
–INA
+INA
V+
+INB
–IND
+IND
V–
+INC
17
LTC2066
LTC2067
LTC2068
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
θJA = 215°C/W (Note 5)
+IN 3
5 V+
4 –IN
+
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
θJA = 43°C/W, θJC = 5.5°C/W (Note 5)
EXPOSED PAD (PIN 11) IS CONNECTED
TO V– (PIN 4) (PCB CONNECTION OPTIONAL)
10
9
6
7
8
4
5
3
2
1
V+
OUTB
–INB
+INB
SHDN
OUTA
–INA
+INA
V–
NC
A
B
TSSOP14 PACKAGE
14-LEAD PLASTIC TSSOP
θJA = 100°C/W (NOTE 5)
1
2
3
4
5
6
7
TOP VIEW
14
13
12
11
10
9
8
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
OUTD
–IND
+IND
V–
+INC
–INC
OUTC
A
D
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com