Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRMPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LTC2066ISC6TRMPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRMPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC2066ISC6TRMPBF Datasheet HTML 14Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 15Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 16Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 17Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 18Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 19Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 20Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 21Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LTC2066/LTC2067/LTC2068
18
Rev. B
For more information www.analog.com
In the worst case, there may not be enough supply cur-
rent available to take the system up to nominal voltages.
In other cases, this transient power-up current will lead
to added power loss in duty-cycled applications.
A way to quantify the transient current loss is to integrate
the supply current during power-up to examine the total
charge loss. If there were no additional transient current,
the integrated supply current would appear as a smooth,
straight line with a slope equal to the DC supply current
of the part. Any deviation from a straight line indicates
additional transient current that is drawn from the supply.
The LTC2066/LTC2067/LTC2068 have been designed to
minimize this charge loss during power-up so that power
can be conserved in duty-cycled applications. Figure 6
shows the integrated supply current (i.e. charge) of the
LTC2066 during power-up. Likewise, Figure 7 shows the
charge loss due to enabling and disabling the part via
the SHDN pin.
1V/µs V– EDGE RATE
V+ = 5V
500µs/DIV
V–
5V/DIV
VOUT
2V/DIV
QV+
10nC/DIV
2066 F06
Figure 6. LTC2066 Charge Loss During Power-Up
500µs/DIV
VSHDN
5V/DIV
VOUT
2V/DIV
QV+
10nC/DIV
2066 F07
Figure 7. LTC2066 Charge Loss Due to
Enabling and Disabling via SHDN Pin
APPLICATIONS INFORMATION
Board leakage can be minimized by encircling the input
connections with a guard ring operated at a potential very
close to that of the inputs. The ring must be tied to a low
impedance node. For inverting configurations, the guard
ring should be tied to the potential of the positive input
(+IN). For noninverting configurations, the guard ring
should be tied to the potential of the negative input (–IN).
In order for this technique to be effective, the guard ring
must not be covered by solder mask. Ringing both sides
of the printed circuit board may be required. See Figure 5
for an example of proper layout.
Shutdown Mode
The LTC2066 in the SC70 package, the LTC2067 in the
DFN package, and the LTC2068 in the QFN package fea-
ture a shutdown mode for low-power applications. In the
OFF state, each amplifier draws less than 170nA of sup-
ply current and the outputs present a high impedance to
external circuitry.
Shutdown operation is accomplished by tying SHDN
below VL. If the shutdown feature is not required, it
is recommended that SHDN be tied to V+. A current
source pulls the SHDN pin high to keep the amplifier in
the ON state when the pin is floated, however this may
not be reliable at elevated temperatures due to board
leakage (see SHDN Circuit Block Diagram, page 14).
For operation in noisy environments, a capacitor between
SHDN and V+ is recommended to prevent noise from
changing the shutdown state. When there is a danger of
SHDN being pulled beyond the supply rails, resistance
in series with the SHDN pin is recommended to limit the
resulting current.
Start-Up Characteristics
Micropower op amps are often not micropower during
start-up, which can cause problems when used on low
current supplies. Large transient currents can conduct
during power-up until the internal bias nodes settle to
their final values. A large amount of current can be drawn
from the supplies during this transient, which can sustain
for several milliseconds in the case of a micropower part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com