Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRMPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LTC2066ISC6TRMPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRMPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC2066ISC6TRMPBF Datasheet HTML 11Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 12Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 13Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 14Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 15Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 16Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 17Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 18Page - Analog Devices LTC2066ISC6TRMPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LTC2066/LTC2067/LTC2068
15
Rev. B
For more information www.analog.com
Using the LTC2066/LTC2067/LTC2068
The LTC2066/LTC2067/LTC2068 are single, dual, and
quad zero-drift operational amplifiers with the open-loop
voltage gain and bandwidth characteristics of a conven-
tional operational amplifier. Advanced circuit techniques
allow the LTC2066/LTC2067/LTC2068 to operate continu-
ously through its entire bandwidth while self-calibrating
unwanted errors.
Input Voltage Noise
Zero-drift amplifiers like the LTC2066/LTC2067/LTC2068
achieve low input offset voltage and 1/f noise by hetero-
dyning DC and flicker noise to higher frequencies. In early
zero-drift amplifiers, this process resulted in idle tones
at the self-calibration frequency, often referred to as the
chopping frequency. These artifacts made early zero-drift
amplifiers difficult to use. The advanced circuit techniques
used by the LTC2066/LTC2067/LTC2068 suppress these
spurious artifacts, allowing for trouble-free use.
Input Current Noise
For applications with high source and feedback imped-
ances, input current noise can be a significant contributor
to total output noise. For this reason, it is important to
consider noise current interaction with circuit elements
placed at the amplifier’s inputs.
VS = 5V
VCM = 2.5V
FREQUENCY (Hz)
0.1
1
10
100
1k
10k 100k 1M
10
100
1k
10k
2066 F01
Figure 1. Input Current Noise Spectrum
APPLICATIONS INFORMATION
The current noise spectrum of the LTC2066/LTC2067/
LTC2068 is shown in Figure 1. Low input current noise
is achieved through the use of MOSFET input devices and
self-calibration techniques to eliminate 1/f current noise.
As with all zero-drift amplifiers, there is an increase in
current noise at the offset-nulling frequency. This phe-
nomenon is discussed in the Input Bias Current and Clock
Feedthrough section.
Input current noise also rises with frequency due to
capacitive coupling of MOSFET channel thermal noise.
Input Bias Current and Clock Feedthrough
The input bias current of zero-drift amplifiers has differ-
ent characteristics than that of a traditional operational
amplifier. The specified input bias current is the DC aver-
age of transient currents which conduct due to the input
stage’s switching circuitry. In addition to this, junction
leakages can contribute additional input bias current at
elevated temperatures. Through careful design and the
use of an innovative boot-strap circuit, the input bias cur-
rent of the LTC2066/LTC2067/LTC2068 does not exceed
35pA at room and 150pA over the full temperature range.
This minimizes bias current induced errors even in high
impedance circuits.
Transient switching currents at the input interact with
source and feedback impedances, producing error volt-
ages which are indistinguishable from a valid input signal.
The resulting error voltages are amplified by the ampli-
fier’s closed-loop gain, which acts as a filter, attenuating
frequency components above the circuit bandwidth. This
phenomenon is known as clock feedthrough and is pres-
ent in all zero-drift amplifiers. Understanding the cause
and effect of clock feedthrough is important when using
zero-drift amplifiers.
For zero-drift amplifiers, clock feedthrough is proportional
to source and feedback impedances, as well as the mag-
nitude of the transient currents. These transient currents
have been minimized in the LTC2066/LTC2067/LTC2068
to allow use with high source and feedback impedances.
Many circuit designs require high feedback impedances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com