Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 4 Page - Analog Devices

Part # LT6350
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6350 Datasheet(HTML) 4 Page - Analog Devices

  LT6350 Datasheet HTML 1Page - Analog Devices LT6350 Datasheet HTML 2Page - Analog Devices LT6350 Datasheet HTML 3Page - Analog Devices LT6350 Datasheet HTML 4Page - Analog Devices LT6350 Datasheet HTML 5Page - Analog Devices LT6350 Datasheet HTML 6Page - Analog Devices LT6350 Datasheet HTML 7Page - Analog Devices LT6350 Datasheet HTML 8Page - Analog Devices LT6350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LTC6363 Family
4
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS Complete LTC6363 Family. The
l
denotes the specifications which apply
over the full operating temperature range, otherwise specifications and typical values are at TA = 25°C. V+ = 10V, V– = 0V, VCM =
VOCM = VICM = 5V, VSHDN = open. VS is defined as (V+ – V–). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2.
VOUTDIFF is defined as (V+OUT – V–OUT).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOCM
Self-Biased Voltage at the VOCM Pin
VOCM Not Connected, VS = 3V
VOCM Not Connected, VS = 5V
VOCM Not Connected, VS = 10V
l
l
l
1.38
2.33
4.79
1.5
2.5
5
1.82
2.82
5.21
V
V
V
RINVOCM
Input Resistance, VOCM Pin
l
1.3
1.8
2.3
MΩ
VOCM Bandwidth
15
MHz
VS
Supply Voltage Range
Guaranteed by PSRR
l
2.8
11
V
IS
Supply Current
VS = 3V, Active
l
1.7
1.8
1.95
mA
mA
VS = 3V, Shutdown
l
20
40
µA
VS = 5V, Active
l
1.75
1.85
2
mA
mA
VS = 5V, Shutdown
l
30
65
µA
VS = 10V, Active
l
1.9
2
2.2
mA
mA
VS = 10V, Shutdown
l
70
130
µA
VIL
SHDN Input Logic Low
l
(V++V–)/2+0.4
V
VIH
SHDN Input Logic High
l
(V++V–)/2+1.2
V
tON
Turn-On Time
4
μs
tOFF
Turn-Off Time
2
μs
RSHDN
Input Resistance, SHDN Pin
l
300
500
700
kΩ
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF (Note 7)
Differential Offset Voltage
VS = 3V
VICM =1.5V
l
25
100
200
µV
µV
VS = 5V
VICM = 2.5V
l
25
100
200
µV
µV
VS = 10V
VICM = 5V
l
25
100
200
µV
µV
∆VOSDIFF/∆T
(Notes 7, 8)
Differential Offset Voltage Drift
VS = 3V
VS = 5V
VS = 10V
l
l
l
0.45
0.45
0.45
1.25
1.25
1.25
µV/°C
µV/°C
µV/°C
AVOL
Open-Loop Voltage Gain
125
dB
IB (Note 10)
Input Bias Current
VS = 3V
VS = 5V
VS = 10V
l
l
l
–1
–1
–1
–0.5
–0.5
–0.5
–0.1
–0.1
–0.1
µA
µA
µA
IOS (Note 10)
Input Offset Current
VS = 3V
l
±5
±50
±75
nA
nA
VS = 5V
l
±5
±50
±75
nA
nA
VS = 10V
l
±5
±50
±75
nA
nA
LTC6363 Only. The l denotes the specifications which apply over the full operating temperature range, otherwise specifications
and typical values are at TA = 25°C. V+ = 10V, V– = 0V, VCM = VOCM = VICM = 5V, VSHDN = open. VS is defined as (V+ – V–). VOUTCM is
defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT). Typical specifications apply to
the internal amplifier inside all versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com