Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 29 Page - Analog Devices

Part # LT6350
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6350 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT6350 Datasheet HTML 25Page - Analog Devices LT6350 Datasheet HTML 26Page - Analog Devices LT6350 Datasheet HTML 27Page - Analog Devices LT6350 Datasheet HTML 28Page - Analog Devices LT6350 Datasheet HTML 29Page - Analog Devices LT6350 Datasheet HTML 30Page - Analog Devices LT6350 Datasheet HTML 31Page - Analog Devices LT6350 Datasheet HTML 32Page - Analog Devices LT6350 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
LTC6363 Family
29
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
even-order harmonics and maximizes the rejection of
common mode signals and noise.
The VOCMpinshouldbebypassedtothegroundplanewith
a high quality 0.1µF ceramic capacitor. This will prevent
common mode signals and noise on this pin from being
inadvertently converted to differential signals and noise
by impedance mismatches both externally and internally
to the IC.
Power Dissipation
Due to the wide supply voltage range, it is possible for
the LTC6363 family to exceed the maximum junction
temperature under certain conditions. Maximum junction
temperature (TJ) is calculated from the ambient tempera-
ture (TA) and power dissipation (PD) as follows: TJ= TA+
(PD • θJA). The power dissipation in the IC is a function of
the supply voltage, output voltage and the load, input and
feedbackresistances.Foragivensupplyvoltage,theworst-
case power dissipation, PD(MAX), occurs at the maximum
quiescent supply current and at an output voltage which is
half of either supply voltage (or the maximum swing if it
is less than half the supply voltage). In this condition, the
LTC6363 will supply current to the load resistors and the
inputandfeedbackresistors,RIandRF.PD(MAX)isgivenby:
PD(MAX) = V+ −V–
(
) IS(MAX)
(
)+2•
V+
2
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
2
RL
+2 •
V +
2
1+
RI
RF
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
2
RI+RF
Example: An LTC6363HMS8 in the 8-Lead MSOP package
has a thermal resistance of θJA = 273°C/W. Operating on
±5V supplies, with RI = RF = 500Ω, and driving a 500Ω
load to ground at each output, the worst-case power dis-
sipation is given by:
PD(MAX) = 10V
(
) 2.2mA
(
)+2 •
2.5V
(
)
2
500Ω
+ 2 •
5V
( )
2
1000Ω
= 97mW
In this example, the maximum ambient temperature that
the part is allowed to operate is:
TA = TJ – (PD(MAX) • 273°C/W)
TA = 150°C – (97mW)(273°C/W) = 123.5°C
To operate the device at a higher ambient temperature
for the same conditions, use the LTC6363 in the 8-Lead
DFN package.
Interfacing to ADCs
WhendrivinganADC,anadditionalpassivefiltershouldbe
used between the outputs of the LTC6363 family and the
inputs of the ADC. Depending on the application, a single-
pole RC filter will often be sufficient. The sampling process
of ADCs creates a charge transient due to the switching in
of the ADC sampling capacitor. This momentarily creates
highfrequencycurrentpulsesattheoutputoftheamplifier
as charge is transferred between amplifier and sampling
capacitor. The amplifier must recover and settle from this
load transient before the acquisition period has ended for
a valid representation of the input signal. The RC network
between the outputs of the driver and the inputs of the
ADC decouples this sampling transient (see Figure  5).
The capacitance serves to provide the bulk of the charge
during the sampling process, and the two resistors at the
outputs of the LTC6363 family are used to dampen and
attenuate any charge injected by the ADC. Additionally, the
RC filter band limits broadband output noise.
The selection of an appropriate filter depends on the spe-
cific ADC, and the following procedure is suggested for
choosing filter component values. Begin by selecting an
appropriate RC time constant for the input signal. Gener-
ally, longer time constants improve SNR at the expense of
settling time. Output transient settling to 20-bit accuracy
will require nearly 14 RC time constants to completely
settle. To select the resistor value, remember the resistors
in the decoupling network should be at least 10Ω. Keep
in mind that these resistors also serve to decouple the
LTC6363 family outputs from load capacitance. Too large
of a resistor will leave insufficient settling time. Too small
of a resistor will not properly dampen the load transient
of the sampling process, prolonging the time required for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com