Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 7 Page - Analog Devices

Part # LT6350
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6350 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT6350 Datasheet HTML 3Page - Analog Devices LT6350 Datasheet HTML 4Page - Analog Devices LT6350 Datasheet HTML 5Page - Analog Devices LT6350 Datasheet HTML 6Page - Analog Devices LT6350 Datasheet HTML 7Page - Analog Devices LT6350 Datasheet HTML 8Page - Analog Devices LT6350 Datasheet HTML 9Page - Analog Devices LT6350 Datasheet HTML 10Page - Analog Devices LT6350 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LTC6363 Family
7
Rev. C
For more information www.analog.com
LTC6363-1 Only. The l denotes the specifications which apply over the full operating temperature range, otherwise specifications and
typical values are at TA = 25°C. V+ = 10V, V– = 0V, VCM = VOCM = VICM = 5V, VSHDN = open. VS is defined as (V+ – V–). VOUTCM is defined
as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT).
LTC6363-0.5 Only. The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications and typical values are at TA = 25°C. V+ = 10V, V– = 0V, VCM = VOCM = VICM = 5V,
VSHDN = open. VS is defined as (V+ – V–). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined
as (V+OUT – V–OUT).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF (Note 7)
Differential Offset Voltage
VS = 3V
VICM =1.5V
l
25
125
250
µV
µV
VS = 5V
VICM = 2.5V
l
25
125
250
µV
µV
VS = 10V
VICM = 5V
l
25
125
250
µV
µV
∆VOSDIFF/∆T
(Notes 7, 8)
Differential Offset Voltage Drift
VS = 3V
VS = 5V
VS = 10V
l
l
l
0.45
0.45
0.45
1.25
1.25
1.25
µV/°C
µV/°C
µV/°C
GDIFF
Differential Gain
VOUT = 16VP-P
1
V/V
Differential Gain Error
l
±0.002
±0.0045
±0.0075
%
%
Differential Gain Nonlinearity
0.5
ppm
Differential Gain Drift vs Temperature (Note 8)
l
±0.2
±0.5
ppm/°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage, High, Either Output Pin
IL= 0mA, VS = 3V
IL = –5mA, VS = 3V
l
l
2.77
2.74
2.88
2.83
V
V
IL= 0mA, VS = 5V
IL = –5mA, VS = 5V
l
l
4.75
4.72
4.86
4.81
V
V
IL= 0mA, VS = 10V
IL = –5mA, VS = 10V
l
l
9.72
9.64
9.83
9.78
V
V
Output Voltage, Low, Either Output Pin
IL= 0mA, VS = 3V
IL = 5mA, VS = 3V
l
l
0.11
0.19
0.19
0.27
V
V
IL= 0mA, VS = 5V
IL = 5mA, VS = 5V
l
l
0.13
0.19
0.2
0.28
V
V
IL= 0mA, VS = 10V
IL = 5mA, VS = 10V
l
l
0.17
0.23
0.28
0.38
V
V
ISC
Output Short-Circuit Current, Either Output
Pin, Sinking
VS = 3V, Output Shorted to 1.5V
VS = 5V, Output Shorted to 2.5V
VS = 10V, Output Shorted to 5V
l
l
l
12
13
14
25
35
40
mA
mA
mA
Output Short-Circuit Current, Either Output
Pin, Sourcing
VS = 3V, Output Shorted to 1.5V
VS = 5V, Output Shorted to 2.5V
VS = 10V, Output Shorted to 5V
l
l
l
25
27
30
55
75
90
mA
mA
mA
f–3dB
–3dB Bandwidth
35
MHz
SR
Slew Rate
Differential 18VP-P Output
44
V/µs
FPBW (Note 11)
Full Power Bandwidth
10VP-P Output
18VP-P Output
1.4
0.8
MHz
MHz
HD2/HD3
2nd/3rd order Harmonic Distortion
Single-Ended Input
f = 1kHz, VOUT = 10VP-P
f = 10kHz, VOUT = 10VP-P
f = 100kHz, VOUT = 10VP-P
–125/–122
–108/–111
–87/–78
dBc
dBc
dBc
tS
Settling Time to a 8VP-P Output Step
0.1%
0.01%
0.0015% (16-Bit)
4ppm (18-Bit)
420
440
550
740
ns
ns
ns
ns
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com