Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 13 Page - Analog Devices

Part # LT6350
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6350 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT6350 Datasheet HTML 9Page - Analog Devices LT6350 Datasheet HTML 10Page - Analog Devices LT6350 Datasheet HTML 11Page - Analog Devices LT6350 Datasheet HTML 12Page - Analog Devices LT6350 Datasheet HTML 13Page - Analog Devices LT6350 Datasheet HTML 14Page - Analog Devices LT6350 Datasheet HTML 15Page - Analog Devices LT6350 Datasheet HTML 16Page - Analog Devices LT6350 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LTC6363 Family
13
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Output Overdrive Recovery
Turn-On and Turn-Off
Transient Response
VSHDN
VOUTDIFF
RI = RF = 1k
RLOAD = 1k DIFF
5s/DIV
6363 G07
VINDIFF
VOUTDIFF
VS = ±5V
VINDIFF = 24VP-P
RLOAD = 2k DIFF
1s/DIV
6363 G09
Differential Input Offset Voltage
vs Input Common Mode Voltage
Input Bias Current vs Input
Common Mode Voltage
Input Offset Current vs
Temperature
Differential Output Impedance
vs Frequency
VS = ±5V
RI = RF = 1k
FREQUENCY (Hz)
100k
1M
10M
100M
1G
0.1
1
10
100
1k
6363 G10
VS = ±5V
VICM = 3.8V
TA = –40°C
TA = 25°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
–200
–150
–100
–50
0
50
100
150
200
6363 G12
VICM = 3.8V
VS = ±5V
INPUT COMMON MODE VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
–700
–600
–500
–400
–300
–200
–100
0
6363 G13
VS = ±5V
VICM = VOCM = 0V
FIVE TYPICAL UNITS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–50.0
–37.5
–25.0
–12.5
0
12.5
25.0
37.5
50.0
6363 G14
Applicable to the LTC6363 only.
en
in
VS = ±5V
VICM = VOCM = 0V
FREQUENCY (Hz)
10
100
1k
10k 100k
1M
30M
0.1
1
10
100
0.1
1
10
100
6363 G15
Input Noise Density vs Frequency
VS = ±5V
SINGLE-ENDED INPUT
VICM = VOCM = 0V
VOUTDIFF = 18VP-P
SLEW MEASURED 10% TO 90%
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
60
65
70
75
80
85
90
6363 G16
Slew Rate vs Temperature
Typical Distribution of Input
Offset Current Drift
VS = ±5V
INPUT OFFSET CURRENT DRIFT (pA/°C)
–150
–90
–30
30
90
150
0
10
20
30
40
50
60
70
80
90
100
6363 G30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com