Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 2 Page - Analog Devices

Part # LT6350
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6350 Datasheet(HTML) 2 Page - Analog Devices

  LT6350 Datasheet HTML 1Page - Analog Devices LT6350 Datasheet HTML 2Page - Analog Devices LT6350 Datasheet HTML 3Page - Analog Devices LT6350 Datasheet HTML 4Page - Analog Devices LT6350 Datasheet HTML 5Page - Analog Devices LT6350 Datasheet HTML 6Page - Analog Devices LT6350 Datasheet HTML 7Page - Analog Devices LT6350 Datasheet HTML 8Page - Analog Devices LT6350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LTC6363 Family
2
Rev. C
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
Total Supply Voltage (V+ – V–) ..................................12V
Input Voltage (+IN, –IN) (Note 2)
LTC6363-0.5...................(V–) – 14.9V to (V+) + 14.9V
LTC6363-1 ........................(V–) – 11.1V to (V+) + 11.1V
LTC6363-2...................... (V–) – 7.45V to (V+) + 7.45V
Input Current (+IN, –IN) LTC6363 (Note 3) .......... ±10mA
Input Current (VOCM, SHDN) (Note 3)..................±10mA
Output Short-Circuit Duration
(Note 4) ..........................................Thermally Limited
Operating Temperature Range (Note 5)
LTC6363I/LTC6363I-0.5/LTC6363I-1/
LTC6363I-2..........................................–40°C to 85°C
LTC6363H/LTC6363H-0.5/LTC6363H-1/
LTC6363H-2 ...................................... –40°C to 125°C
(Note 1)
LTC6363
LTC6363
1
2
3
4
–IN
VOCM
V+
+OUT
8
7
6
5
+IN
SHDN
V–
–OUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
–
–
+
TJMAX = 150°C, θJA = 273°C/W
TOP VIEW
+IN
SHDN
V–
–OUT
–IN
VOCM
V+
+OUT
DCB PACKAGE
8-LEAD (2mm × 3mm) PLASTIC DFN
9
V–
3
4
2
1
6
5
7
8
+
–
–
+
TJMAX = 150°C, θJA = 64°C/W, θJC = 10.6°C/W
EXPOSED PAD (PIN 9) MUST BE CONNECTED TO V–
LTC6363-0.5/LTC6363-1/LTC6363-2
1
2
3
4
–IN
VOCM
V+
+OUT
8
7
6
5
+IN
SHDN
V–
–OUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
–
–
+
TJMAX = 150°C, θJA = 273°C/W
16 15 14 13
5
6
7
8
TOP VIEW
LFCSP PACKAGE
16-LEAD (3mm × 3mm) PLASTIC LFCSP
9
10
11
12
4
3
2
1
–FB
+IN
–IN
+FB
SHDN
–OUT
+OUT
VOCM
+
–+
–
V+ V+ V+ V+
17
V– V– V– V–
TJMAX = 150°C, θJA = 81.2°C/W, θJC = 39.7°C/W
EXPOSED PAD (PIN 17) MUST BE CONNECTED TO V– OR GROUND
Specified Temperature Range (Note 6)
LTC6363I/LTC6363I-0.5/LTC6363I-1/
LTC6363I-2..........................................–40°C to 85°C
LTC6363H/LTC6363H-0.5/LTC6363H-1/
LTC6363H-2 ...................................... –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
MSOP Lead Temperature (Soldering, 10 sec)........300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com