Electronic Components Datasheet Search
  English  ▼

X  

LT6002 Datasheet(PDF) 8 Page - Analog Devices

Part # LT6002
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6002 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT6002 Datasheet HTML 4Page - Analog Devices LT6002 Datasheet HTML 5Page - Analog Devices LT6002 Datasheet HTML 6Page - Analog Devices LT6002 Datasheet HTML 7Page - Analog Devices LT6002 Datasheet HTML 8Page - Analog Devices LT6002 Datasheet HTML 9Page - Analog Devices LT6002 Datasheet HTML 10Page - Analog Devices LT6002 Datasheet HTML 11Page - Analog Devices LT6002 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC6255/LTC6256/LTC6257
8
Rev E
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
Output Short-Circuit Current
vs Supply Voltage (Sourcing)
Output Short-Circuit Current
vs Supply Voltage (Sinking)
0.1Hz to 10Hz Output
Voltage Noise
Input Bias Current
vs Supply Voltage
Input Bias Current vs Temperature
SUPPLY VOLTAGE (V)
1.8
625567 G10
2.8
3.8
4.8
VCM = 0.4V
25
–5
20
10
0
–15
15
5
–20
–10
–25
+IN
–IN
TEMPERATURE (°C)
–40
625567 G11
10
60
110
VS = ±2.5V
VCM = –2V
VCM = 2V
50
–10
40
20
0
–30
30
10
–40
–20
–50
TEMPERATURE (°C)
–40
100
40
20
80
60
0
625567 G13
–15
10
35
60
85
110
VCM = 0.4V
VS = 5V, 0V
VS = 1.8V, 0V
LOAD CURRENT (mA)
0
0
–0.15
–0.10
–0.05
–0.25
–0.20
–0.30
–0.35
3
625567 G14
5
4
2
1
125°C, VS = 5V
85°C, VS = 5V
25°C, VS = 5V
–40°C, VS = 5V
125°C, VS = 1.8V
85°C, VS = 1.8V
25°C, VS = 1.8V
–40°C, VS = 1.8V
LOAD CURRENT (mA)
0
0.5
0.4
0.2
0.3
0.1
0
3
625567 G15
5
4
2
1
125°C, VS = 1.8V
125°C, VS = 5V
85°C, VS = 1.8V
85°C, VS = 5V
25°C, VS = 1.8V
25°C, VS = 5V
–40°C, VS = 1.8V
–40°C, VS = 5V
SUPPLY VOLTAGE (V)
1.8
100
40
20
80
60
0
50
30
90
70
10
625567 G16
2.3
2.8
3.3
3.8
4.3
4.8
VCM = 0.4V
25°C
–40°C
125°C
SUPPLY VOLTAGE (V)
1.8
100
40
20
80
60
0
50
30
90
70
10
625567 G17
2.3
2.8
3.3
3.8
4.3
4.8
VCM = 0.4V
25°C
–40°C
125°C
TIME (s)
0
625567 G18
2
4
6
8
10
5
–1
4
2
0
–3
3
1
–4
–2
–5
VS = ±2.5V
VCM = 0V
AV = 1
Supply Current vs Supply Voltage
per Channel
SUPPLY VOLTAGE (V)
0
100
40
20
80
60
0
625567 G12
1
2
3
4
5
25°C
–40°C
125°C
VCM = 0.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com