Electronic Components Datasheet Search
  English  ▼

X  

LT6002 Datasheet(PDF) 14 Page - Analog Devices

Part # LT6002
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6002 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT6002 Datasheet HTML 10Page - Analog Devices LT6002 Datasheet HTML 11Page - Analog Devices LT6002 Datasheet HTML 12Page - Analog Devices LT6002 Datasheet HTML 13Page - Analog Devices LT6002 Datasheet HTML 14Page - Analog Devices LT6002 Datasheet HTML 15Page - Analog Devices LT6002 Datasheet HTML 16Page - Analog Devices LT6002 Datasheet HTML 17Page - Analog Devices LT6002 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LTC6255/LTC6256/LTC6257
14
Rev E
For more information www.analog.com
50
–10
40
20
0
–30
30
10
–40
–20
–50
625567 F03b
FREQUENCY (Hz)
10
100
100k
10M
1M
10k
1k
TYPICAL APPLICATIONS
90.9k
90.9k
VIN
625567 F03a
VOUT
0.9V
–0.9V
–
+
–
+
10k
10k
1/2 LTC6256
1/2 LTC6256
Frequency Response of 40dB
Gain Amplifier
LTC6255 Very Low Power 2nd Order Lowpass Filter
The LTC6256 circuit shown in Figure 4 is a 2nd order,
100kHz, Butterworth lowpass filter. The filter’s differential
output maximizes the dynamic range in very low voltage
operation. A general 2nd order lowpass circuit is shown in
Figure 3. Gain of 100 Amplifier (3dB Bandwidth of 200kHz on 130µA Supply Current)
Figure5withtheequationstocalculatetheRCcomponents
for cutoff frequencies up to 100kHz for a Butterworth or a
Bessel approximation (a Bessel lowpass filter has very low
transient response overshoot). In addition the equations
for a 4th order lowpass filter are provided to calculate the
RC components for two cascaded 2nd order sections.
200kHz 130µA Gain-of-100 Amplifier
A, 1.8V, 140µA, 100kHz, Lowpass Filter
(Single-Ended Input and Differential Output)
Frequency Response
FREQUENCY (Hz)
625567 F04b
10k
100k
1M
6
–18
–30
–6
–42
–12
–24
0
–36
–
+
7
VOUT+
625567 F04a
VOUT–
2.49k
1/2 LTC6256
1/2 LTC6256
2
1
100pF
3
5
6
8
VIN
1000pF
10k
1.8V
1.8V
2.49k
2.49k
2.49k
0.1µF
4
10µF
100k
100k
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com