Electronic Components Datasheet Search
  English  ▼

X  

LT6002 Datasheet(PDF) 3 Page - Analog Devices

Part # LT6002
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6002 Datasheet(HTML) 3 Page - Analog Devices

  LT6002 Datasheet HTML 1Page - Analog Devices LT6002 Datasheet HTML 2Page - Analog Devices LT6002 Datasheet HTML 3Page - Analog Devices LT6002 Datasheet HTML 4Page - Analog Devices LT6002 Datasheet HTML 5Page - Analog Devices LT6002 Datasheet HTML 6Page - Analog Devices LT6002 Datasheet HTML 7Page - Analog Devices LT6002 Datasheet HTML 8Page - Analog Devices LT6002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC6255/LTC6256/LTC6257
Rev E
3
For more information www.analog.com
ORDER INFORMATION
5V ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VSUPPLY = 5V, VCM = VOUT = VSUPPLY/2, CL = 10pF, VSHDN is unconnected.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V– + 0.3V (PNP Region)
l
–350
–700
100
350
700
µV
µV
VCM = V+ – 0.3V (NPN Region)
l
–350
–700
100
350
700
µV
µV
VOS TC
Input Offset Voltage Drift
VCM = V– + 0.3V, V+ – 0.3V
l
1.5
µV/°C
IB
Input Bias Current (Note 7)
VCM = V– + 0.3V
l
–50
–75
–5
50
75
nA
nA
VCM = V+ – 0.3V
l
–50
–75
5
50
75
nA
nA
IOS
Input Offset Current
VCM = V– + 0.3V
l
–20
–35
2
20
35
nA
nA
VCM = V+ – 0.3V
l
–20
–35
2
20
35
nA
nA
en
Input Voltage Noise Density
f = 1kHz
20
nV/√Hz
Input Noise Voltage
f = 0.1Hz to 10Hz
2.5
µVP-P
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6255CS6#TRMPBF
LTC6255CS6#TRPBF
LTFFT
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6255IS6#TRMPBF
LTC6255IS6#TRPBF
LTFFT
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6255HS6#TRMPBF
LTC6255HS6#TRPBF
LTFFT
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6255CDC#TRMPBF
LTC6255CDC#TRPBF
LFFV
6-Lead (2mm × 2mm × 0.8mm) Plastic DFN
0°C to 70°C
LTC6255IDC#TRMPBF
LTC6255IDC#TRPBF
LFFV
6-Lead (2mm × 2mm × 0.8mm) Plastic DFN
–40°C to 85°C
LTC6256CTS8#TRMPBF
LTC6256CTS8#TRPBF
LTFFW
8-Lead Plastic TSOT-23
0°C to 70°C
LTC6256ITS8#TRMPBF
LTC6256ITS8#TRPBF
LTFFW
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC6256HTS8#TRMPBF
LTC6256HTS8#TRPBF
LTFFW
8-Lead Plastic TSOT-23
–40°C to 125°C
OBSOLETE
LTC6256CKC#TRMPBF
LTC6256CKC#TRPBF
DXYT
8-Lead (2mm × 2mm × 0.6mm) Plastic UTDFN
0°C to 70°C
LTC6256IKC#TRMPBF
LTC6256IKC#TRPBF
DXYT
8-Lead (2mm × 2mm × 0.6mm) Plastic UTDFN
–40°C to 85°C
LTC6256CDC#TRMPBF
LTC6256CDC#TRPBF
LGVP
8-Lead (2mm × 2mm × 0.8mm) Plastic DFN
0°C to 70°C
LTC6256IDC#TRMPBF
LTC6256IDC#TRPBF
LGVP
8-Lead (2mm × 2mm × 0.8mm) Plastic DFN
–40°C to 85°C
LTC6256CMS8#PBF
LTC6256CMS8#TRPBF
LTDXW
8-Lead Plastic MSOP
0°C to 70°C
LTC6256IMS8#PBF
LTC6256IMS8#TRPBF
LTDXW
8-Lead Plastic MSOP
–40°C to 85°C
LTC6256CMS#PBF
LTC6256CMS#TRPBF
LTDXX
10-Lead Plastic MSOP
0°C to 70°C
LTC6256IMS#PBF
LTC6256IMS#TRPBF
LTDXX
10-Lead Plastic MSOP
–40°C to 85°C
LTC6257CMS#PBF
LTC6257CMS#TRPBF
6257
16-Lead Plastic MSOP
0°C to 70°C
LTC6257IMS#PBF
LTC6257IMS#TRPBF
6257
16-Lead Plastic MSOP
–40°C to 85°C
LTC6257HMS#PBF
LTC6257HMS#TRPBF
6257
16-Lead Plastic MSOP
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com