Electronic Components Datasheet Search
  English  ▼

X  

LT6002 Datasheet(PDF) 10 Page - Analog Devices

Part # LT6002
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6002 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT6002 Datasheet HTML 6Page - Analog Devices LT6002 Datasheet HTML 7Page - Analog Devices LT6002 Datasheet HTML 8Page - Analog Devices LT6002 Datasheet HTML 9Page - Analog Devices LT6002 Datasheet HTML 10Page - Analog Devices LT6002 Datasheet HTML 11Page - Analog Devices LT6002 Datasheet HTML 12Page - Analog Devices LT6002 Datasheet HTML 13Page - Analog Devices LT6002 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC6255/LTC6256/LTC6257
10
Rev E
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Response
Small-Signal Response
Capacitive Load Handling
Overshoot vs Capacitive Load
Large-Signal Response
Large-Signal Response
TIME (ms)
0
2.5
–0.5
2.0
1.0
0
–1.5
1.5
0.5
–2.0
–10
–2.5
60
625567 G29
100
80
40
20
VS = ±2.5V
AV = 1
RLOAD = 10k
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
CLOAD = 10nF
TIME (µs)
0
0.9
0.6
0
–0.3
0.3
–0.6
–0.9
60
625567 G30
100
80
40
20
VS = ±0.9V
AV = 1
RLOAD = 10k
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
CLOAD = 10nF
TIME (µs)
0
0.05
–0.01
0.04
0.02
0
–0.03
0.03
0.01
–0.04
–0.02
–0.05
60
625567 G31
100
80
40
20
VS = ±0.9V
AV = 1
RLOAD = 10k
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
CLOAD = 10nF
Supply Current vs SHDN Pin
Voltage
Supply Current vs SHDN Pin
Voltage
CLOAD (nF)
625567 G28
0.01
0.1
10
100
1
16
8
4
12
0
10
6
14
2
VS = ±2.5V
VCM = 0V
AV = 1
VIN = ±2V
Large-Signal Response
VSHDN (V)
0
1.0
80
20
70
50
30
60
40
10
0
1.6
0.4
625567 G35
2.0
1.8
0.2
1.4
0.6
1.2
0.8
125°C
–40°C
25°C
VS = 1.8V, 0V
VCM = 0.4V
VSHDN (V)
0
1.0
90
80
20
70
50
30
60
40
10
0
0.4
625567 G36
1.6
0.2
1.4
0.6
1.2
0.8
125°C
–40°C
25°C
VS = 5V, 0V
VCM = 0.4V
Output Impedance vs Frequency
TIME (µs)
0
2.5
–0.5
2.0
1.0
0
–1.5
1.5
0.5
–2.0
–1.0
–2.5
60
625567 G32
100
80
40
20
VS = ±2.5V
AV = 1
CLOAD = 100nF
TIME (µs)
0
0.05
–0.01
0.04
0.02
0
–0.03
0.03
0.01
–0.04
–0.02
–0.05
600
625567 G33
1000
800
400
200
VS = ±2.5V
AV = 1
CLOAD = 100nF
1000
100
10
1
0.1
0.01
625567 G34
FREQUENCY (Hz)
0.01
0.1
100
10k
1k
10
1
AV = 10
AV = 1
VS = ±2.5V
VCM = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com