Electronic Components Datasheet Search
  English  ▼

X  

LT6002 Datasheet(PDF) 25 Page - Analog Devices

Part # LT6002
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6002 Datasheet(HTML) 25 Page - Analog Devices

Back Button LT6002 Datasheet HTML 18Page - Analog Devices LT6002 Datasheet HTML 19Page - Analog Devices LT6002 Datasheet HTML 20Page - Analog Devices LT6002 Datasheet HTML 21Page - Analog Devices LT6002 Datasheet HTML 22Page - Analog Devices LT6002 Datasheet HTML 23Page - Analog Devices LT6002 Datasheet HTML 24Page - Analog Devices LT6002 Datasheet HTML 25Page - Analog Devices LT6002 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
LTC6255/LTC6256/LTC6257
Rev E
25
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
9/10
Revised AV Conditions in 5V Electrical Characteristics and 1.8V Electrical Characteristics sections
Revised IS MAX values in 5V Electrical Characteristics section
Revised ISC MIN values in 1.8V Electrical Characteristics section
4, 5
4
6
B
9/11
Updated the Features and Description sections.
Added C-, H-, and I-grades to the Absolute Maximum Ratings and Order Information sections.
Updated 5V and 1.8V Electrical Characteristics sections.
Revised the title of curve G32 in the Typical Performance Characteristics section.
Revised Figure 6 in the Typical Applications section.
Revised the Typical Application drawing on the back page.
1
2, 3
3 to 6
8
17
24
C
7/15
Added 2mm × 2mm × 0.8mm DFN package
2, 3, 24
D
11/15
Added 2mm × 2mm × 0.8mm DFN package for LTC6255
2, 3, 23
E
6/18
Obsoleted KC package option
1 to 3, 17 to 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com