Electronic Components Datasheet Search
  English  ▼

X  

DS2755 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2755
Description  High-Accuracy Battery Fuel Gauge with Snapshot
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2755 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2755 Datasheet HTML 7Page - Dallas Semiconductor DS2755 Datasheet HTML 8Page - Dallas Semiconductor DS2755 Datasheet HTML 9Page - Dallas Semiconductor DS2755 Datasheet HTML 10Page - Dallas Semiconductor DS2755 Datasheet HTML 11Page - Dallas Semiconductor DS2755 Datasheet HTML 12Page - Dallas Semiconductor DS2755 Datasheet HTML 13Page - Dallas Semiconductor DS2755 Datasheet HTML 14Page - Dallas Semiconductor DS2755 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS2755: High-Accuracy Battery Fuel Gauge with Snapshot
11 of 20
rising edge of the DQ high to low to high pulse. The Snapshot mode can be abandoned by sending a 1-Wire Reset
instead of the synchronization pulse. The rising edge DQ trigger is formed by the first data bit after issuing the Sync
Function command. A full byte can be issued, but the rising edge of the first bit sets the trigger point. [[The SNAP
bit is set after the rising edge trigger: timing is not critical and could be several 100
μs later since it cannot be read
quickly via 1-Wire]]. If a 1-wire reset is issued instead of a data bit, then the Snapshot is abandoned (SNAP bit not
set).]
The Snapshot Synchronization Timing in Figure 10 illustrates the timing of the Snapshot current and voltage
sample apertures relative to the DQ rising edge trigger and one timeslot GSM power amp load pulse. In the
diagram, tSAMP = 1/ fSAMP.= 1456
-1 = 687μs. The current and voltage measurements are taken 343μs apart but
within a single GSM timeslot.
Figure 10. SNAPSHOT SYNCHRONIZATION TIMING
MEMORY
The DS2755 has a 256-byte linear address space with registers for instrumentation, status, and control in the lower
32 bytes, with lockable EEPROM and SRAM memory occupying portions of the remaining address space. All
EEPROM and SRAM memory is general-purpose except addresses 31h and 33h, which should be written with the
default values for the Status Register and Accumulation Bias Register, respectively. When the MSB of any two-
byte register is read, the MSB and LSB values are latched and held for the duration of the Read Data command.
This prevents updates during the read to ensure synchronization between the two register bytes. For consistent
results, always read the MSB and the LSB of a two-byte register during the same Read Data command sequence.
In describing register control and status bits, the terms set and clear refer to internal operations which manipulate
bit values. The terms read and write refer to 1-Wire access to the bit values. Several bits are set internally but
require the host system to write them to a 0 value.
EEPROM memory is shadowed by RAM to eliminate programming delays between writes and to allow the data to
be verified by the host system before being copied to EEPROM. The Read Data and Write Data protocols to/from
EEPROM memory addresses access the shadow RAM. The Recall Data function command transfers data from the
EEPROM to the shadow RAM. The Copy Data function command transfers data from the shadow RAM to the
EEPROM and requires tEEC to complete programming of the EEPROM cells. In unlocked EEPROM blocks, writing
data updates shadow RAM. In locked EEPROM blocks, the Write Data command is ignored. The Copy Data
function command copies the contents of shadow RAM to EEPROM in an unlocked block of EEPROM but has no
effect on locked blocks. The Recall Data function command copies the contents of a block of EEPROM to shadow
RAM regardless of whether the block is locked or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com