Electronic Components Datasheet Search
  English  ▼

X  

DS2755 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2755
Description  High-Accuracy Battery Fuel Gauge with Snapshot
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2755 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2755 Datasheet HTML 1Page - Dallas Semiconductor DS2755 Datasheet HTML 2Page - Dallas Semiconductor DS2755 Datasheet HTML 3Page - Dallas Semiconductor DS2755 Datasheet HTML 4Page - Dallas Semiconductor DS2755 Datasheet HTML 5Page - Dallas Semiconductor DS2755 Datasheet HTML 6Page - Dallas Semiconductor DS2755 Datasheet HTML 7Page - Dallas Semiconductor DS2755 Datasheet HTML 8Page - Dallas Semiconductor DS2755 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS2755: High-Accuracy Battery Fuel Gauge with Snapshot
3 of 20
ABSOLUTE MAXIMUM RATINGS*
Voltage on PIO Pin, Relative to VSS
-0.3V to +12V
Voltage on All Other Pins, Relative to VSS
-0.3V to +6V
Continuous Sink Current, DQ, PIO
12mA
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See J-STD-020 Specification
* This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(2.5V
≤ VDD ≤ 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
2.5
5.5
V
Data Pin
DQ
(Note 1)
-0.3
+5.5
V
VIN Pin
VIN
(Note 1)
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(2.5V
≤ VDD ≤ 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DQ = VDD, EEC bit = 0,
0°C to +50°C, 2.5V < VDD < 4.2V
75
100
μA
Active Current
IACTIVE
DQ = VDD, EEC bit = 0
110
Sleep-Mode Current
ISLEEP
DQ = 0V (Note 3)
1
2
μA
Current Measurement
Input Range
VIS1-IS2
(Note 2)
±64
mV
Current Register Offset
Error
IOERR
(Note 5)
±7.813
μV
Current Gain Error
IGERR
(Note 2, 6)
±1
%I
reading
24 Hour Accumulated
Current Error
qCA
VIS1-IS2 = 0, OBEN set,
(Note 2, 7, 4)
-200
-100
0
µVhr
Current Sampling
Frequency
fSAMP
1456
Hz
IS1-VSS, IS2-SNS Filter
Resistors
RKS
+25
°C
10
k
Ω
Input Resistance: VIN
RIN
VIN = VDD
5
M
Ω
Voltage Offset Error
VOERR
(Note 8)
±5
mV
Voltage Gain Error
VGERR
±2
%V
reading
Temperature Error
TERR
(Note 9)
±3
°C
Input Logic High:
DQ, PIO
VIH
(Note 1)
1.5
V
Input Logic Low:
DQ, PIO
VIL
(Note 1)
0.4
V
Output Logic Low:
DQ, PIO
VOL
IOL = 4mA
(Note 1)
0.4
V
DQ Pulldown Current
IPD
1
μA
DQ Capacitance
CDQ
60
pF
DQ Low-to-Sleep Time
tSLEEP
2.1
s
Undervoltage Detect
VUV
(Note 1)
2.45
2.5
2.55
V
Undervoltage Delay
tUVD
90
100
110
ms
0°C to +50°C (Note 10)
±1
±2
Internal Timebase
Accuracy
tERR
-20°C to +70°C
±3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com