Electronic Components Datasheet Search
  English  ▼

X  

DS2755 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS2755
Description  High-Accuracy Battery Fuel Gauge with Snapshot
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2755 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS2755 Datasheet HTML 12Page - Dallas Semiconductor DS2755 Datasheet HTML 13Page - Dallas Semiconductor DS2755 Datasheet HTML 14Page - Dallas Semiconductor DS2755 Datasheet HTML 15Page - Dallas Semiconductor DS2755 Datasheet HTML 16Page - Dallas Semiconductor DS2755 Datasheet HTML 17Page - Dallas Semiconductor DS2755 Datasheet HTML 18Page - Dallas Semiconductor DS2755 Datasheet HTML 19Page - Dallas Semiconductor DS2755 Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DS2755: High-Accuracy Battery Fuel Gauge with Snapshot
16 of 20
TRANSACTION SEQUENCE
The protocol for accessing the DS2755 through the 1-Wire port is as follows:
Initialization
Net Address Command
Function Command
Transaction/Data
The sections that follow describe each of these steps in detail.
All transactions of the 1-Wire bus begin with an initialization sequence consisting of a reset pulse transmitted by the
bus master followed by a presence pulse simultaneously transmitted by the DS2755 and any other slaves on the
bus. The presence pulse tells the bus master that one or more devices are on the bus and ready to operate. For
more details, see the I/O Signaling section.
NET ADDRESS COMMANDS
Once the bus master has detected the presence of one or more slaves, it can issue one of the net address
commands described in the following paragraphs. The name of each command is followed by the 8-bit opcode for
that command in square brackets. Figure 17 presents a transaction flowchart of the net address commands.
Read Net Address [33h or 39h].
This command allows the bus master to read the DS2755’s 1-Wire net address.
This command can only be used if there is a single slave on the bus. If more than one slave is present, a data
collision occurs when all slaves try to transmit at the same time (open drain produces a wired-AND result). The
RNAOP bit in the Status Register selects the opcode for this command, with RNAOP = 0 indicating 33h and
RNAOP = 1 indicating 39h.
Match Net Address [55h].
This command allows the bus master to specifically address one DS2755 on the 1-Wire
bus. Only the addressed DS2755 responds to any subsequent function command. All other slave devices ignore
the function command and wait for a reset pulse. This command can be used with one or more slave devices on
the bus.
Skip Net Address [CCh].
This command saves time when there is only one DS2755 on the bus by allowing the
bus master to issue a function command without specifying the address of the slave. If more than one slave device
is present on the bus, a subsequent function command can cause a data collision when all slaves transmit data at
the same time.
Search Net Address [F0h].
This command allows the bus master to use a process of elimination to identify the 1-
Wire net addresses of all slave devices on the bus. The search process involves the repetition of a simple three-
step routine: read a bit, read the complement of the bit, then write the desired value of that bit. The bus master
performs this simple three-step routine on each bit location of the net address. After one complete pass through all
64 bits, the bus master knows the address of one device. The remaining devices can then be identified on
additional iterations of the process. See Chapter 5 of the Book of DS19xx iButton
® Standards for a comprehensive
discussion of a net address search, including an actual example. This publication can be found on the
Maxim/Dallas website at www.maxim-ic.com.
FUNCTION COMMANDS
After successfully completing one of the net address commands, the bus master can access the features of the
DS2755 with any of the function commands described in the following paragraphs. The name of each function is
followed by the 8-bit opcode for that command in square brackets.
Read Data [69h, XX].
This command reads data from the DS2755 starting at memory address XX. The LSb of the
data in address XX is available to be read immediately after the MSb of the address has been entered. Because
the address is automatically incremented after the MSb of each byte is received, the LSb of the data at address XX
+ 1 is available to be read immediately after the MSb of the data at address XX. If the bus master continues to read
beyond address FFh, the DS2755 outputs logic 1 until a reset pulse occurs. Addresses labeled “reserved” in the
memory map contain undefined data. The Read Data command can be terminated by the bus master with a reset
pulse at any bit boundary.
iButton is a registered trademark of Dallas Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com