Electronic Components Datasheet Search
  English  ▼

X  

DS2755 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2755
Description  High-Accuracy Battery Fuel Gauge with Snapshot
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2755 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2755 Datasheet HTML 9Page - Dallas Semiconductor DS2755 Datasheet HTML 10Page - Dallas Semiconductor DS2755 Datasheet HTML 11Page - Dallas Semiconductor DS2755 Datasheet HTML 12Page - Dallas Semiconductor DS2755 Datasheet HTML 13Page - Dallas Semiconductor DS2755 Datasheet HTML 14Page - Dallas Semiconductor DS2755 Datasheet HTML 15Page - Dallas Semiconductor DS2755 Datasheet HTML 16Page - Dallas Semiconductor DS2755 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DS2755: High-Accuracy Battery Fuel Gauge with Snapshot
13 of 20
PMOD
—Sleep Mode Enable. A value of 1 in this bit enables the DS2755 to enter sleep mode when the DQ line
goes low for greater than tSLEEP. A value of 0 disables the DS2755 from entering the sleep mode. This bit is read-
only. The desired default value should be set in bit 5 of address 31h. The factory default is 0.
RNAOP
—Read Net Address Opcode. A value of 0 in this bit sets the opcode for the Read Net Address command
to 33h, while a 1 sets the opcode to 39h. This bit is read-only. The desired default value should be set in bit 4 of
address 31h. The factory default is 0.
UVEN
—Undervoltage Sleep Enable. A value of 1 in UVEN along with a value of 1 in PMOD enables the DS2755 to
enter sleep mode when the voltage on VIN drops below undervoltage threshold VUV for tUVD (cell depletion). A value
of 0 disables the DS2755 from entering the sleep mode due to undervoltage events. This bit is read-only. The
desired default value should be set in bit 3 of address 31h. The factory default is 0.
IOS
—Interrupt output select. IOS set to a 1 selects the DQ interrupt signaling method. IOS cleared to 0 selects the
PIO interrupt signaling method. The IE bit must be set to enable either type of interrupt. The desired default value
should be set in bit 2 of address 31h. The factory default is 0.
OBEN—
Offset Blanking Enable. A value of 1 in this bit location enables the offset blanking function described in
the Current Accumulation section. If set to 0, the offset blanking function is disabled. This bit is read-only. The
desired default value should be set in bit 1 of address 31h. The factory default is 0.
OVD—
Overdrive Timing Enable. A value of 1 in this bit location enables the Overdrive 1-Wire timings. If set to 0,
the Regular mode timings are enabled. This bit cannot be written directly. The desired bit value must be written to
bit 1 of address 31h, (an EEPROM block 0 location), then recalled before any change to the 1-Wire speed
becomes effective. A power-on reset forces a recall of settings from EEPROM block 0. The factory default in bit 1
of address 31h is 0 (Standard 1-Wire timing).
X
—Reserved Bits.
EEPROM REGISTER
The format of the EEPROM Register is shown in Figure 12. The function of each bit is described in detail in the
following paragraphs.
Figure 12. EEPROM REGISTER FORMAT
Address 07
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
EEC
LOCK
X
X
X
BL2
BL1
BL0
EEC
—EEPROM Copy Flag. A 1 in this read-only bit indicates that a Copy Data command is in progress. While this
bit is high, writes to EEPROM addresses are ignored. A 0 in this bit indicates that data can be written to unlocked
EEPROM blocks.
LOCK
—EEPROM Lock Enable. When this bit is 0, the Lock command is ignored. Writing a 1 to this bit enables the
Lock command. After the Lock command is executed, the LOCK bit is reset to 0. The factory default is 0.
BL2—
EEPROM Block 2 Lock Flag. A 1 in this read-only bit indicates that EEPROM block 2 (addresses 60 to 7F) is
locked (read-only), while a 0 indicates block 1 is unlocked (read/write).
BL1—
EEPROM Block 1 Lock Flag. A 1 in this read-only bit indicates that EEPROM block 1 (addresses 40 to 5F) is
locked (read-only), while a 0 indicates block 1 is unlocked (read/write).
BL0—
EEPROM Block 0 Lock Flag. A 1 in this read-only bit indicates that EEPROM block 0 (addresses 20 to 3F) is
locked (read-only), while a 0 indicates block 0 is unlocked (read/write).
X
—Reserved Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com