Electronic Components Datasheet Search
  English  ▼

X  

DS2755 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2755
Description  High-Accuracy Battery Fuel Gauge with Snapshot
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2755 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2755 Datasheet HTML 1Page - Dallas Semiconductor DS2755 Datasheet HTML 2Page - Dallas Semiconductor DS2755 Datasheet HTML 3Page - Dallas Semiconductor DS2755 Datasheet HTML 4Page - Dallas Semiconductor DS2755 Datasheet HTML 5Page - Dallas Semiconductor DS2755 Datasheet HTML 6Page - Dallas Semiconductor DS2755 Datasheet HTML 7Page - Dallas Semiconductor DS2755 Datasheet HTML 8Page - Dallas Semiconductor DS2755 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS2755: High-Accuracy Battery Fuel Gauge with Snapshot
2 of 20
DESCRIPTION (CONTINUED)
The DS2755 performs temperature, voltage, and current measurement to a resolution sufficient to support process-
monitoring applications such as battery charge control and remaining capacity estimation. Temperature is
measured using an on-chip sensor, eliminating the need for a separate thermistor. Bidirectional current
measurement supporting current accumulation (coulomb counting) is accomplished using an external current
sense resistor.
The host system can configure the DS2755 to signal critical conditions to reduce polling overhead. The interrupt
fires when programmable upper and lower thresholds of temperature or coulomb count are crossed. The user can
select either the DQ pin or PIO pin as the interrupt signal.
The programmable I/O pin allows the host system to sense and control other electronics in the pack, including
switches, vibration motors, speakers, and LEDs, or the I/O pin can be configured as an interrupt output.
Three types of memory are provided on the DS2755 for battery information storage: EEPROM, lockable EEPROM,
and SRAM. EEPROM memory saves important battery data in true NV memory that is unaffected by severe battery
depletion, accidental shorts, or ESD events. Lockable EEPROM becomes ROM when locked to provide additional
security for unchanging battery data. SRAM provides inexpensive storage for temporary data.
Figure 1. APPLICATION EXAMPLE
5.6V
(1)
2.5V
102
150
1k
RSNS
104
(1)
(1)
5.6V
103
500
Protection IC
(Li+/Polymer)
1 Cell Li+
150
DS2755
SNS
VDD
VIN
DQ
IS2
PIO
VSS
IS1
5.6V
(1)
PACK+
PIO
DATA
PACK -
SNS
DS2755
VSS
IS2
IS1
ADC
Input
RKS
RKS
(1) Optional component(s) for robust ESD performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com