Electronic Components Datasheet Search
  English  ▼

X  

PT7C4050ADE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PT7C4050ADE
Description  PLL with Integrated VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4050ADE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PT7C4050ADE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0239L (06/07)
Ver: 0
6
Data Sheet
PT7C4050
PLL with Integrated VCXO
Maximum Rating
Storage Temperature………………………………- 65oC to +150oC
Core supply voltage……………………………….- 0.5 to +7.0V
I/O supply voltage………………………………... - 0.5 to +7.0V
DC Input Voltage …………………………………- 0.5 to +7.0V
Input ESD protection ……………………………...2000V
DC Characteristics
Sym
Parameter
Test Condition
Min
Typ
Max
Unit
-
4.5
-
5.5
VDD
Supply Voltage
-
3.0
3.6
V
ILEAK
Input Leakage Current
-
-10
-
10
µA
VTIH
TTL Input High Voltage
-
2
-
-
V
VTIL
TTL Input Low Voltage
-
-
-
0.8
V
VCIH
CMOS Input High Voltage
-
0.7VDD
-
-
V
VCIL
CMOS Input Low Voltage
-
-
-
0.3VDD
V
VOH1
Output High Voltage for CLK-OUT1/2/3/4
Ioh = 8mA
2.4
-
-
V
VOL1
Output Low Voltage for CLK-OUT1/2/3/4
Iol = 8mA
-
-
0.4
V
IPULLUP1
Input Pull up Current for HIZ
-
-160
-
-
IPULLUP2
Input Pull up Current for S4:0, Test
Vi = 0V
-50
-
-
IPULLDOWN
Input Pull down Current for LOS-IN1
Vi = VDD
-
-
50
µA
ICC
Maximum Supply Current
Full Active
-
-
60
mA
TA
Ambient Temperature
-
-40
-
85
oC
Note: Stresses greater than those listed under MAXI-
MUMRATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com