Electronic Components Datasheet Search
  English  ▼

X  

PT7C4050ADE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PT7C4050ADE
Description  PLL with Integrated VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4050ADE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PT7C4050ADE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0239L (06/07)
Ver: 0
10
Data Sheet
PT7C4050
PLL with Integrated VCXO
CLKIN
14
DATAIN
13
PHO
12
LOSIN
11
S3
10
S2
9
S1
8
OPP
7
OPO
6
OPN
5
AGND
4
NC
3
VC
2
X1
1
DGND
15
LOS
16
RCLK
17
RDATA
18
DVDD
19
CLK-OUT2
20
HIZ
21
CLK-OUT1
22
SEL-OUT1
23
XTGND
24
VDD
25
NC
26
NC
27
X2
28
U1
PT7C4050LE
C3
0.1uF
R1 5.1K
R2 5.1K
C4
0.1uF
VCC
R3
30K
C5
0.1uF
R4
3.9K
C6
22nF
VCC
LOS
SHR1
R40M1
Y1
40.096MHz
40.096/2.560
C1
C2
Optional
Optional
XRSIG
CLKW
LOS
PHO
CLKIN
14
DATAIN
13
PHO
12
LOSIN
11
S3
10
S2
9
S1
8
OPP
7
OPO
6
OPN
5
AGND
4
NC
3
VC
2
X1
1
DGND
15
LOS
16
RCLK
17
RDATA
18
DVDD
19
CLK-OUT2
20
HIZ
21
CLK-OUT1
22
SEL-OUT1
23
XTGND
24
VDD
25
NC
26
NC
27
X2
28
U1
PT7C4050LE
C3
0.1uF
R1 5.1K
R2 5.1K
C4
0.1uF
VCC
R3
120K
C5
0.1uF
R4
18K
C6
22nF
VCC
LOS
Y1
32.768MHz
32.768/2.048
C1
C2
Optional
Optional
4MHz
VC
VC
LOS
PHO
OPN
R5
33
X-2MHz
R6
33
R7
33
32MHz
X32MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com