Electronic Components Datasheet Search
  English  ▼

X  

PT7C4050ADE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PT7C4050ADE
Description  PLL with Integrated VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4050ADE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PT7C4050ADE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0239L (06/07)
Ver: 0
11
Data Sheet
PT7C4050
PLL with Integrated VCXO
CLKIN
14
DATAIN
13
PHO
12
LOSIN
11
S3
10
S2
9
S1
8
OPP
7
OPO
6
OPN
5
AGND
4
NC
3
VC
2
X1
1
DGND
15
LOS
16
RCLK
17
RDATA
18
DVDD
19
CLK-OUT2
20
HIZ
21
CLK-OUT1
22
SEL-OUT1
23
XTGND
24
VDD
25
NC
26
NC
27
X2
28
U1
PT7C4050ALE
R1 5.1K
R2 5.1K
VCC
R3
470K
C3
1uF/16V
R4
22.1K
C4
22nF
VCC
Y1
16.384MHz
16.384/2.048
C1
C2
Optional
Optional
R6
33
PHO
32K
CLK_32K
R5 22.1K
C5
0.1uF
2.048MHz
Recommended Crystal Specifications
Description
Crystal
Mode of Oscillation
Fundamental, AT cut
Frequency Range
12.0000 to 41.0000MHz
Frequency Tolerance
±20ppm (Max, 25℃)
Operating Temperature
-40℃ to 85℃
Load Capacitance (CL)
12pF
Frequency Range (MHz)
Motional Capacitance
Shunt Capacitance
RR max
12.0000 – 13.0000
11 fF
2.4 pF
50
Ω
13.0001 – 15.0000
12 fF
2.6 pF
50
Ω
15.0001 – 17.0000
13 fF
3.0 pF
40
Ω
17.0001 – 20.0000
14 fF
3.2 pF
40
Ω
20.0001 – 23.0000
15 fF
3.5 pF
30
Ω
23.0001 – 26.0000
16 fF
4.0 pF
30
Ω
26.0001 – 41.0000
17 fF
4.5 pF
25
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com