Electronic Components Datasheet Search
  English  ▼

X  

PT7C4050ADE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PT7C4050ADE
Description  PLL with Integrated VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4050ADE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PT7C4050ADE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0239L (06/07)
Ver: 0
8
Data Sheet
PT7C4050
PLL with Integrated VCXO
Application Circuit
CLKIN
14
DATAIN
13
PHO
12
LOSIN
11
S3
10
S2
9
S1
8
OPP
7
OPO
6
OPN
5
AGND
4
NC
3
VC
2
X1
1
DGND
15
LOS
16
RCLK
17
RDATA
18
DVDD
19
CLK-OUT2
20
HIZ
21
CLK-OUT1
22
SEL-OUT1
23
XTGND
24
VDD
25
NC
26
NC
27
X2
28
U1
PT7C4050
C3
0.1uF
R1 Optional
R2 Optional
C4
0.1uF
VCC
R3
Optional
C5
Optional
R4
Optional
C6
22nF
VCC
LOS
OUT1
Y1
32.768MHz
Normal Test Circuit
C1
C2
Optional
Optional
DATAIN
CLKW
1
2
1
2
1
2
LOS
PHO
OPN
VC
VC
CLKIN
14
DATAIN
13
PHO
12
LOSIN
11
S3
10
S2
9
S1
8
OPP
7
OPO
6
OPN
5
AGND
4
NC
3
VC
2
X1
1
DGND
15
LOS
16
RCLK
17
RDATA
18
DVDD
19
CLK-OUT2
20
HIZ
21
CLK-OUT1
22
SEL-OUT1
23
XTGND
24
VDD
25
NC
26
NC
27
X2
28
U1
PT7C4050LE
C3
0.1uF
R1 5.1K
R2 5.1K
C4
0.1uF
VCC
R3
120K
C5
0.1uF
R4
18K
C6
22nF
VCC
LOS
Y1
32.768MHz
Application circuit for PT7C4050
C1
C2
Optional
Optional
VC
VC
LOS
PHO
R5
33
X-2MHz
R6
33
R7
33
32MHz
X32MHz
4MHzCLKIN
Input: 2MHz
Output: 32.768MHz
S1、S2、S3 Jump for selectable divider N
S1
0000
1111
S2
0011
0011
S3
0101
0101
Divider N
256
1
2
1
2
128
64
32168
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com