Electronic Components Datasheet Search
  English  ▼

X  

PT7C4050ADE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7C4050ADE
Description  PLL with Integrated VCXO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4050ADE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7C4050ADE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4050ADE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0239L (06/07)
Ver: 0
1
Data Sheet
PT7C4050
PLL with Integrated VCXO
Features
• PLL with quartz stabilized VCXO
• Crystal output jitter less than 20ps
• Dual redundant reference input clocks with loss of
signal detection
• Manual or automatic switch over between reference
input clocks
• VCXO provides smooth output transition during
switch over of input clocks
• Lock detection
• Selectable metal mask options for phase detectors,
op. Amps, and charge pump
• Loss of signals alarm
• Return to nominal clock upon LOS
• Input data rates from 8 kb/s to 40 Mb/s
• Tri-state output
• User defined PLL loop response
• NRZ data compatible
• +3.3 and +5.0V supply voltage
Description
The device is composed of phase-lock loop with
integrated VCXO for use in clock recovery, data re-
timing, frequency translation and clock smoothing
applications in telecom and datacom systems.
Crystal Frequencies Supported: 12.624~38.880MHz.
Ordering Information
Part Number
Package
PT7C4050xDE
Die form
PT7C4050xLE
Lead free 28-Pin TSSOP
Note: Pls see below specification of part no.
Applications
• Frequency translation
• Clock Smoothing, Clock Switching
• NRZ Clock Recovery
• Optical Switching/Routing, Base Station


Similar Part No. - PT7C4050ADE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4300 PERICOM-PT7C4300 Datasheet
495Kb / 17P
Real-time Clock Module (I짼c Bus)
PT7C4300W PERICOM-PT7C4300W Datasheet
495Kb / 17P
Real-time Clock Module (I짼c Bus)
PT7C4300WE PERICOM-PT7C4300WE Datasheet
495Kb / 17P
Real-time Clock Module (I짼c Bus)
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
Real-time Clock Module (3-wire Interface)
PT7C4302P PERICOM-PT7C4302P Datasheet
551Kb / 16P
Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4050ADE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
PLL Clock Generator IC with VCXO
logo
PhaseLink Corporation
PLL502-26 PLL-PLL502-26 Datasheet
205Kb / 5P
High Pull-Range VCXO (27MHz) with integrated Audio PLL
logo
Integrated Circuit Syst...
ICS477-05 ICST-ICS477-05 Datasheet
151Kb / 7P
Quad PLL with VCXO for HDTV
Revision 062404
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
Factory Programmable Quad PLL Clock Generator with VCXO
logo
SpectraLinear Inc
SL38000 SPECTRALINEAR-SL38000 Datasheet
370Kb / 12P
Programmable 4-PLL CG with VCXO and SSCG
logo
Cypress Semiconductor
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
logo
Abracon Corporation
ABV0226 ABRACON-ABV0226 Datasheet
58Kb / 5P
High Pull-Range VCXO (27MHz) with integrated Audio PLL
logo
Renesas Technology Corp
ICS477-05 RENESAS-ICS477-05 Datasheet
364Kb / 9P
QUAD PLL WITH VCXO FOR HDTV
062404
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com