Electronic Components Datasheet Search
  English  ▼

X  

ADPA9007 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPA9007
Description  DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9007 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPA9007 Datasheet HTML 3Page - Analog Devices ADPA9007 Datasheet HTML 4Page - Analog Devices ADPA9007 Datasheet HTML 5Page - Analog Devices ADPA9007 Datasheet HTML 6Page - Analog Devices ADPA9007 Datasheet HTML 7Page - Analog Devices ADPA9007 Datasheet HTML 8Page - Analog Devices ADPA9007 Datasheet HTML 9Page - Analog Devices ADPA9007 Datasheet HTML 10Page - Analog Devices ADPA9007 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADPA9007
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 28
Figure 2. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 6, 8, 9, 16, 17, 20, 22, 24, 25, 32
GND
Ground. The GND pins must be connected to the RF and the DC ground. See Figure 3 for the
interface schematic.
2, 3, 7, 11, 12, 14, 23, 27, 28, 31
NIC
Not Internally Connected. The NIC pins are not connected internally. However, all data shown
is measured with the NIC pins connected to RF and DC ground externally.
5
RFIN
RF Input of the Amplifier. The RFIN pin is DC-coupled and matched to 50 Ω. See Figure 4 for
the interface schematic.
10
VREF
Reference Diode Voltage for the Temperature Compensation of the VDET RF Output Power
Measurements. The VREF pin voltage (VREF) requires the application of a DC bias voltage
through an external series resistor. See Figure 5 for the interface schematic.
13
VGG1
Gate Control for the Amplifier. Attach bypass capacitors per the Applications Information
section. See the Power-Up Sequence and Power-Down Sequence for additional information.
See Figure 6 for the interface schematic.
15
ACG3
Low Frequency Termination. Attach bypass capacitors per the Applications Information
section. See Figure 4 for the interface schematic.
18
VBTEMP
Temperature Sensor Bias. Bias pin for biasing the integrated temperature sensor. See Figure 7
for the interface schematic.
19
VTEMP
Integrated Temperature Sensor output. See Figure 7 for the interface schematic.
21
RFOUT/VDD RF Output of the Amplifier. Connect the RFOUT/VDD pin to the DC bias (VDD) network to
provide drain current (IDD). See Applications Information section. See Figure 8 for the interface
schematic.
26
VDET
Detector Diode Voltage to Measure the RF Output Power. Detection by the VDET pin
requires the application of a DC bias voltage through an external series resistor. Used in
combination with the VREF pin, the difference detector voltage (VREF − VDET) is a temperature
compensated DC voltage proportional to the RF output power. See Figure 8 for the interface
schematic.
29
ACG2
Low Frequency Termination. Attach bypass capacitors per the Applications Information
section. See Figure 8 for the interface schematic.
30
ACG1
Low Frequency Termination. Attach bypass capacitor per the Applications Information section.
See Figure 8 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and the DC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com