Electronic Components Datasheet Search
  English  ▼

X  

ADPA9007 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA9007
Description  DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9007 Datasheet(HTML) 1 Page - Analog Devices

  ADPA9007 Datasheet HTML 1Page - Analog Devices ADPA9007 Datasheet HTML 2Page - Analog Devices ADPA9007 Datasheet HTML 3Page - Analog Devices ADPA9007 Datasheet HTML 4Page - Analog Devices ADPA9007 Datasheet HTML 5Page - Analog Devices ADPA9007 Datasheet HTML 6Page - Analog Devices ADPA9007 Datasheet HTML 7Page - Analog Devices ADPA9007 Datasheet HTML 8Page - Analog Devices ADPA9007 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
ADPA9007
DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Wideband, internally-matched, RF power amplifier
►
DC-coupled input and output
►
Integrated RF power detector
►
Integrated temperature sensor
►
Gain: 12.5 dB typical at 2 GHz to 16 GHz
►
OP1dB: 33 dBm typical at 2 GHz to 16 GHz
►
PSAT: 34 dBm typical at 2 GHz to 16 GHz
►
OIP3: 45 dBm typical at 2 GHz to 16 GHz
►
32-Lead, 5.00 mm × 5.00 mm, LFCSP_CAV package
APPLICATIONS
►
Electronic warfare
►
Radar
►
Test and measurement equipment
GENERAL DESCRIPTION
The ADPA9007 is a 2 W, RF power amplifier that operates from
DC to 28 GHz. The RF input and output are internally-matched and
DC-coupled. The ADPA9007 includes an integrated temperature-
compensated RF power detector and an integrated temperature
sensor.
The ADPA9007 amplifier provides a gain of 12.5 dB, an output
power for 1 dB compression (OP1dB) of 33 dBm, and an output
third-order intercept (OIP3) of 45 dBm from 2 GHz to 16 GHz. The
amplifier operates from a typical supply voltage of 15 V and has a
500 mA typical quiescent bias current, which is adjustable.
The ADPA9007 is fabricated on a gallium arsenide (GaAs), pseu-
domorphic high electron mobility transistor (pHEMT) process. The
amplifier is housed in an RoHS-compliant, 32-Lead, 5 mm × 5 mm,
lead frame chip scale package, premolded cavity [LFCSP_CAV]
and is specified for operation from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADPA9007

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA9007-2 AD-ADPA9007-2 Datasheet
1Mb / 28P
DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
Rev. 0
More results

Similar Description - ADPA9007

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659_09 Datasheet
296Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
logo
Analog Devices
ADPA7002CHIP AD-ADPA7002CHIP Datasheet
565Kb / 23P
GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
2/2019-Revision 0
ADL9006 AD-ADL9006 Datasheet
397Kb / 14P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
8/2020-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
HMC1022ACHIPS AD-HMC1022ACHIPS Datasheet
448Kb / 17P
GaAs, pHEMT, MMIC, 0.25 W Power Amplifier, DC to 48 GHz
1/2019-Revision 0
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com