Electronic Components Datasheet Search
  English  ▼

X  

ADPA9007 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA9007
Description  DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9007 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA9007 Datasheet HTML 14Page - Analog Devices ADPA9007 Datasheet HTML 15Page - Analog Devices ADPA9007 Datasheet HTML 16Page - Analog Devices ADPA9007 Datasheet HTML 17Page - Analog Devices ADPA9007 Datasheet HTML 18Page - Analog Devices ADPA9007 Datasheet HTML 19Page - Analog Devices ADPA9007 Datasheet HTML 20Page - Analog Devices ADPA9007 Datasheet HTML 21Page - Analog Devices ADPA9007 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet
ADPA9007
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 18 of 28
Figure 63. Third-Order Intermodulation Distortion (IM3) vs. POUT per Tone for
Various Frequencies, VDD = 10 V, IDQ = 500 mA
Figure 64. IM3 vs. POUT per Tone for Various Frequencies, VDD = 12 V,
IDQ = 500 mA
Figure 65. Low Frequency Second Harmonics vs. Frequency for Various
Temperatures, VDD = 15 V, IDQ = 500 mA, POUT = 16 dBm
Figure 66. IM3 vs. POUT per Tone for Various Frequencies,
VDD = 15 V, IDQ = 500 mA
Figure 67. Second Harmonics vs. Frequency for Various POUT Values,
VDD = 15 V, IDQ = 500 mA
Figure 68. Second Harmonics vs. Frequency for Various Temperatures,
VDD = 15 V, IDQ = 500 mA, POUT = 16 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com