Electronic Components Datasheet Search
  English  ▼

X  

FT232BQ Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT232BQ
Description  USB UART ( USB - Serial) I.C.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BQ Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT232BQ Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DS232BQ Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 11 of 25
FT232BQ USB UART ( USB - Serial) I.C.
5.0 Package Outline
Figure 3 – QFN-32 Package Dimensions
The FT232BQ is supplied in lead (Pb) free, leadless QFN32 package. This package has a 5 mm x 5 mm body with
no protruding pins, and is ideal for for projects where package area is critical. In the above drawing all dimensions
are in millimetres. Note that two date code formats are used - XXYY = Date Code where XX = 2 digit year number,
YY = 2 digit week number; or XYY-1 where X = 1 digit year. number, YY = 2 digit week number. The FT232BQ is fully
compliant with the European Union RoHS directive.
A lead (Pb) free LQFP package device is also available, part number FT232BL.
FTDI
FT232BQ
5mm
5mm
0.5mm
0.4mm
0.5mm
0.25mm
2.7mm
2.7mm
0.02mm
0.2mm
0.75mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com