Electronic Components Datasheet Search
  English  ▼

X  

FT232BQ Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT232BQ
Description  USB UART ( USB - Serial) I.C.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BQ Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT232BQ Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DS232BQ Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 19 of 25
FT232BQ USB UART ( USB - Serial) I.C.
Figure 10
USB <=> RS422 Converter Configuration
FT232BM
PWREN#
SLEEP#
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
10
TXDEN
25
24
23
22
15
21
20
19
18
16
DB9-M
TXDM
RXDP
RTSP
CTSP
GND
VCC
5
4
12
9
3
11
2
10
14
7
6
D
R
SP491
5
4
12
9
3
11
2
10
14
7
6
D
R
SP491
VCC
120R
120R
TXDP
RXDM
RTSM
CTSM
Figure 10 illustrates how to connect the UART interface of the FT232BQ to a TTL – RS422 Level Converter I.C. to
make a USB <=> RS422 converter. There are many such level converter devices available – this example uses Sipex
SP491 devices which have enables on both the transmitter and receiver. Because the transmitter enable is active
high, it is connected to the SLEEP# pin. The receiver enable is active low and is connected to the PWREN# pin. This
ensures that both the transmitters and receivers are enabled when the device is active, and disabled when the device
is in USB suspend mode. If the design is USB BUS powered, it may be necessary to use a P-Channel logic level
MOSFET (controlled by PWREN#) in the VCC line of the SP491 devices to ensure that the USB standby current of
500uA is met.
The SP491 is good for sending and receiving data at a rate of up to 5M Baud – in this case the maximum rate is
limited to 3M Baud by the FT232BQ.
FT232BQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com