Electronic Components Datasheet Search
  English  ▼

X  

FT232BQ Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT232BQ
Description  USB UART ( USB - Serial) I.C.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BQ Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT232BQ Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DS232BQ Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 9 of 25
FT232BQ USB UART ( USB - Serial) I.C.
4.1 Signal Descriptions
Table 1 - FT232BQ - PINOUT DESCRIPTION
UART INTERFACE GROUP
Pin#
Signal
Type
Description
25
TXD
OUT
Transmit Asynchronous Data Output
24
RXD
IN
Receive Asynchronous Data Input
23
RTS#
OUT
Request To Send Control Output / Handshake signal
22
CTS#
IN
Clear To Send Control Input / Handshake signal
21
DTR#
OUT
Data Terminal Ready Control Output / Handshake signal
20
DSR#
IN
Data Set Ready Control Input / Handshake signal
19
DCD#
IN
Data Carrier Detect Control Input
18
RI#
IN
Ring Indicator Control Input. When the Remote Wakeup option is enabled in the
EEPROM, taking RI# low can be used to resume the PC USB Host controller
from suspend.
16
TXDEN
OUT
Enable Transmit Data for RS485
USB INTERFACE GROUP
Pin#
Signal
Type
Description
7
USBDP
I/O
USB Data Signal Plus ( Requires 1.5k pull-up to 3V3OUT or RSTOUT# )
8
USBDM
I/O
USB Data Signal Minus
EEPROM INTERFACE GROUP
Pin#
Signal
Type
Description
32
EECS
I/O
EEPROM – Chip Select. For 48MHz operation pull EECS to GND using a 10K
resistor. For 6MHz operation no resistor is required. Tri-State during device reset.
**Note 1
1
EESK
OUT
Clock signal to EEPROM. Tri-State during device reset, else drives out. Adding a
10K pull down resistor onto EESK will cause the FT232BQ to use USB Product
ID 6004 (hex) instead of 6001 (hex). All of the other USB device descriptors are
unchanged.
**Note 1
2
EEDATA
I/O
EEPROM – Data I/O Connect directly to Data-In of the EEPROM and to Data-
Out of the EEPROM via a 2.2K resistor. Also, pull Data-Out of the EEPROM
to VCC via a 10K resistor for correct operation. Tri-State during device reset.
**Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com