Electronic Components Datasheet Search
  English  ▼

X  

FT232BQ Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # FT232BQ
Description  USB UART ( USB - Serial) I.C.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BQ Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT232BQ Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
DS232BQ Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 18 of 25
FT232BQ USB UART ( USB - Serial) I.C.
7.4 UART Interface Configuration
Figure 9
USB <=> RS232 Converter Configuration
12
14
2
7
8
4
6
1
9
VCC
SP213EHCA
T1In
T1Out
T2Out
T3Out
T4Out
R1In
T2In
T3In
T4In
R2In
R3In
R4In
R5In
EN
R1Out
R2Out
R3Out
R4Out
R5Out
SHDN#
25
7
22
20
8
6
5
26
19
21
11
2
23
1
9
3
4
27
16
28
VCC
C1+
C1-
C2+
C2-
V
C
C
V-
V+
15
16
10
11
3
13
17
G
N
D
VCC
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
5
FT232BM
PWREN#
SLEEP#
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
10
TXDEN
25
24
23
22
15
21
20
19
18
16
DB9-M
TXD
RXD
RTS
DTR
CTS
DSR
DCD
RI
GND
Figure 9 illustrates how to connect the UART interface of the FT232BQ to a TTL – RS232 Level Converter I.C. to
make a USB <=> RS232 converter using the popular “213” series of TTL to RS232 level converters. These devices
have 4 transmitters and 5 receivers in a 28 LD SSOP package and feature an in-built voltage converter to convert the
5v (nominal) VCC to the +/- 9 volts required by RS232. An important feature of these devices is the SHDN# pin which
can power down the device to a low quiescent current during USB suspend mode
The device used in the example is a Sipex SP213EHCA which is capable of RS232 communication at up to 500K
baud. If a lower baud rate is acceptable, then several pin compatible alternatives are available such as Sipex
SP213ECA , Maxim MAX213CAI and Analog Devices ADM213E which are good for communication at up to 115,200
baud. If a higher baud rate is desired, use a Maxim MAX3245CAI part which is capable of RS232 communication at
rates of up to 1M baud. The MAX3245 is not pin compatible with the 213 series devices, also its SHDN pin is active
high so connect this to PWREN# instead of SLEEP#.
FT232BQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com