Electronic Components Datasheet Search
  English  ▼

X  

FT232BQ Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # FT232BQ
Description  USB UART ( USB - Serial) I.C.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BQ Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button FT232BQ Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DS232BQ Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 17 of 25
FT232BQ USB UART ( USB - Serial) I.C.
Figure 8
USB Self Powered Configuration
Figure 8 illustrates a typical USB self powered configuration. A USB Self Powered device gets its power from its own
POWER SUPPLY and does not draw current from the USB bus. The basic rules for USB Self power devices are as
follows –
a) A Self-Powered device should not force current down the USB bus when the USB Host or Hub Controller is
powered down.
b) A Self Powered Device can take as much current as it likes during normal operation and USB suspend as it has its
own POWER SUPPLY.
c) A Self Powered Device can be used with any USB Host and both Bus and Self Powered USB Hubs
PWRCTL (pin 14) is pulled high to tell the device to use a USB Bus Power descriptor. The power descriptor in the
EEPROM should be programmed to a value of zero. The USB power descriptor option in the EEPROM should be
programmed to a value of zero (self powered).
To meet requirement a) the 1.5K pull-up resistor on USBDP is connected to RSTOUT# as per the bus-power circuit.
However, the USB Bus Power is used to control the RESET# Pin of the FT232BQ device. When the USB Host or
Hub is powered up RSTOUT# will pull the 1.5K resistor on USBDP to 3.3V, thus identifying the device as a full speed
device to USB. When the USB Host or Hub power is off, RESET# will go low and the device will be held in reset. As
RESET# is low, RSTOUT# will also be low, so no current will be forced down USBDP via the 1.5K pull-up resistor
when the host or hub is powered down. Failure to do this may cause some USB host or hub controllers to power up
erratically.
Note : When the FT232BQ is in reset, the UART interface pins all go tri-state. These pins have internal 200K pull-up
resistors to VCCIO, so they will gently pull high unless driven by some external logic.
VCC
27R
USB "B"
Connector
27R
USB DM
RSTOUT#
8
FT232BM
USB DP
7
5
V
C
C
V
C
C
V
C
C
I
O
3
26
13
1
2
3
4
1k5
33nF
3v3OUT
6
470R
A
V
C
C
30
0.1uF
POWERCTL
14
G
N
D
G
N
D
A
G
N
D
9
17
29
VCC
RESET#
4
10k
4k7
Decoupling Capacitors
10uF
VCC
0.1uF
0.1uF
+
FT232BQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com