Electronic Components Datasheet Search
  English  ▼

X  

F2M03C2001 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # F2M03C2001
Description  Class 2 Bluetooth??Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03C2001 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button F2M03C2001 Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 9Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 10Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 11Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 12Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 13Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 14Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Rev: 13 September 2005
Class 2 Bluetooth module - F2M03C2
Datasheet
5.1
Wireless UART
5.1.1 General Information
Free2move’s Wireless UART (WU) firmware is intended to replace the cable(s) connecting portable and/or
fixed electronic devices. Key features are robustness, high configurability, high security, low complexity and
low power.
The WU firmware is compliant with the Bluetooth Serial Port Profile (SPP) for setting up emulated serial
cable connections between connected devices. There is no additional need for drivers or an external host
with Bluetooth software when using the WU firmware.
Hardware
BASEBAND and RF
INTERFACE
HCI
LINK MANAGER
L2CAP
Device
Manager
RFCOMM
SDP
Wireless UART (SPP)
F2M03
Host
Application
Wireless UART architecture
The WU application runs on top of an embedded Bluetooth v1.1 compliant stack, including protocols up to
the RFCOMM layer. Point-to-point connections are supported. This means that a unit running WU can be
either a master of one unit or participate in a piconet as a slave.
The WU firmware offers one asynchronous data channel and one synchronous voice channel, both
channels capable of full duplex transmission.
When a successful Bluetooth connection is established the data channel and the voice channel can be
used simultaneously or separately. All information sent/received at the data/voice interface of the WU unit is
exchanged transparently via Bluetooth with the connected remote device.
The WU unit is set to operate in a default mode that allows the user to communicate via the asynchronous
data channel over Bluetooth, as soon as a successful connection has been established. This can be
achieved without sending any configuration commands to the WU firmware. However, as long as there is
no Bluetooth connection established, it is possible to configure the WU firmware via commands (described
in detail in the separate Wireless UART datasheet) sent on the data interface.
© 2003 Free2move AB
Page 11(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com