Electronic Components Datasheet Search
  English  ▼

X  

F2M03C2001 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # F2M03C2001
Description  Class 2 Bluetooth??Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03C2001 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button F2M03C2001 Datasheet HTML 4Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 5Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 9Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 10Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 11Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Rev: 13 September 2005
Class 2 Bluetooth module - F2M03C2
Datasheet
4
Radio Characteristics
VDD = 3.0V Temperature = 23
oC Frequency = 2441 MHz
All measurements are based on the Bluetooth test specification.
Receiver
Min
Typ
Max
Bluetooth
Specification
Unit
Sensitivity at 0.1% BER
-
-85
-
≤-70
dBm
Maximum RF transmit power
-
3
4
0 to 4
(1)
dBm
Initial carrier frequency tolerance
-10
±5
10
±75
kHz
RF power control range
-
24
-
≥16
dB
Notes:
(1) Class 2 RF transmit power range, Bluetooth specification v1.1
© 2003 Free2move AB
Page 8(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com